Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 61Page - Texas Instruments ADC32RF83 Datasheet HTML 62Page - Texas Instruments ADC32RF83 Datasheet HTML 63Page - Texas Instruments ADC32RF83 Datasheet HTML 64Page - Texas Instruments ADC32RF83 Datasheet HTML 65Page - Texas Instruments ADC32RF83 Datasheet HTML 66Page - Texas Instruments ADC32RF83 Datasheet HTML 67Page - Texas Instruments ADC32RF83 Datasheet HTML 68Page - Texas Instruments ADC32RF83 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDIN
SCLK
SEN
RESET
A11 A10
A9
A8
A7
A6
M
P
CH
0
1
0
0
Register Address [11:0]
Register Data [7:0]
65
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4.3.3 Serial Register Write: Digital Bank
The digital bank contains seven pages (Offset Corrector Page for channel A and B; Digital Gain Page for channel
A and B; Main digital Page for channel A and B; and JESD Digital Page). The timing for the individual page
selection is shown in Figure 139. The registers located in the pages of the digital bank can be programmed by:
1. Driving the SEN pin low.
2. Setting the M bit to 1 and specifying the page with with the desired register. There are seven pages in Digital
Bank. These pages can be selected by appropriately programming register bits DIGITAL BANK PAGE SEL,
located in addresses 002h, 003h, and 004h, using three consecutive SPI cycles. Addressing in a SPI cycle
begins with 4xxx when selecting a page from digital bank because the M bit must be set to 1.
–
To select the offset corrector page channel A: write address 4004h with 61h, 4003h with 00h, and 4002h
with 00h.
–
To select the offset corrector page channel B: write address 4004h with 61h, 4003h with 01h, and 4002h
with 00h.
–
To select the digital gain page channel A: write address 4004h with 61h, 4003h with 00h, and 4002h with
05h.
–
To select the digital gain page channel B: write address 4004h with 61h, 4003h with 01h, and 4002h with
05h.
–
To select the main digital page channel A: write address 4004h with 68h, 4003h with 00h, and 4002h with
00h.
–
To select the main digital page channel B: write address 4004h with 68h, 4003h with 01h, and 4002h with
00h.
–
To select the JESD digital page: write address 4004h with 69h, 4003h with 00h, and 4002h with 00h.
Figure 139. SPI Write Timing Diagram for Digital Bank Page Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com