Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 77 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 73Page - Texas Instruments ADC32RF83 Datasheet HTML 74Page - Texas Instruments ADC32RF83 Datasheet HTML 75Page - Texas Instruments ADC32RF83 Datasheet HTML 76Page - Texas Instruments ADC32RF83 Datasheet HTML 77Page - Texas Instruments ADC32RF83 Datasheet HTML 78Page - Texas Instruments ADC32RF83 Datasheet HTML 79Page - Texas Instruments ADC32RF83 Datasheet HTML 80Page - Texas Instruments ADC32RF83 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
77
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.2.1.3
Register 003h (address = 003h), General Registers
Figure 147. Register 003h
7
6
5
4
3
2
1
0
DIGITAL BANK PAGE SEL[15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 33. Register 003h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DIGITAL BANK PAGE SEL[15:8]
R/W
0h
Program the JESD BANK PAGE SEL[23:0] bits to access the
desired page in the JESD bank.
680000h = Main digital page CHA selected
680100h = Main digital page CHB selected
610000h = Digital function page CHA selected
610100h = Digital function page CHB selected
690000h = JESD digital page selected
8.5.2.1.4
Register 004h (address = 004h), General Registers
Figure 148. Register 004h
7
6
5
4
3
2
1
0
DIGITAL BANK PAGE SEL[23:16]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 34. Register 004h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DIGITAL BANK PAGE SEL[23:16]
R/W
0h
Program the JESD BANK PAGE SEL[23:0] bits to access the
desired page in the JESD bank.
680000h = Main digital page CHA selected
680100h = Main digital page CHB selected
610000h = Digital function page CHA selected
610100h = Digital function page CHB selected
690000h = JESD digital page selected
8.5.2.1.5
Register 010h (address = 010h), General Registers
Figure 149. Register 010h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
3 or 4 WIRE
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write; -n = value after reset
Table 35. Register 010h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
3 or 4 WIRE
R/W
0h
0 = 4-wire SPI (default)
1 = 3-wire SPI where SDIN become input or output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com