Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 57Page - Texas Instruments ADC32RF83 Datasheet HTML 58Page - Texas Instruments ADC32RF83 Datasheet HTML 59Page - Texas Instruments ADC32RF83 Datasheet HTML 60Page - Texas Instruments ADC32RF83 Datasheet HTML 61Page - Texas Instruments ADC32RF83 Datasheet HTML 62Page - Texas Instruments ADC32RF83 Datasheet HTML 63Page - Texas Instruments ADC32RF83 Datasheet HTML 64Page - Texas Instruments ADC32RF83 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
61
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4.2.7 JESD204B Frame Assembly with Decimation (Dual-Band DDC): Real Output
Table 23 lists the available JESD204B formats and valid ranges for the ADC32RF8x with decimation (dual-band
DDC) when using real output format. The ranges are limited by the SerDes line rate and the maximum ADC
sample frequency. The sample alignment on the different lanes is shown in Table 24.
Table 23. JESD Mode Options: Dual-Band Real Output
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-8
(Divide-by-4 real)
2 per channel
8
4
1
1
20X
1
1
0
2.5
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
5
4
4
4
2
40X
2
0
0
Divide-by-9
(Divide-by-4.5 real)
2 per channel
8
4
1
1
20X
1
1
0
2.22
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
4.44
4
4
4
2
40X
2
0
0
Divide-by-10
(Divide-by-5 real)
2 per channel
8
4
1
1
20X
1
1
0
2
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
4
4
4
4
2
40X
2
0
0
Divide-by-12
(Divide-by-6 real)
2 per channel
8
4
1
1
20X
1
1
0
1.67
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
3.33
4
4
4
2
40X
2
0
0
Divide-by-16
(Divide-by-8 real)
2 per channel
8
4
1
1
20X
1
1
0
1.25
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2.5
4
4
4
2
40X
2
0
0
Divide-by-18
(Divide-by-9 real)
2 per channel
8
4
1
1
20X
1
1
0
1.11
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2.22
4
4
4
2
40X
2
0
0
Divide-by-20
(Divide-by-10 real)
2 per channel
8
4
1
1
20X
1
1
0
1
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2
4
4
4
2
40X
2
0
0
Divide-by-24
(Divide-by-12 real)
2 per channel
4
4
2
1
40X
0
0
1
1.67
4
4
4
2
40X
2
0
0
Divide-by-32
(Divide-by-16 real)
2 per channel
4
4
2
1
40X
0
0
1
1.25
4
4
4
2
40X
2
0
0
(1)
Blue and green shading indicates the two bands for channel A; yellow and orange shading indicates the two bands for channel B.
Table 24. JESD Sample Lane Assignment: Dual-Band Complex Output(1)
OUTPUT
LANE
LMFS = 8411
LMFS = 8422
LMFS = 4421
LMFS = 4442
DA0
A10[15:8]
A10[15:8]
A10[7:0]
DA1
A10[7:0]
A11[15:8]
A11[7:0]
A10[15:8]
A10[7:0]
A10[15:8]
A10[7:0]
A11[15:8]
A11[7:0]
DA2
A20[15:8]
A20[15:8]
A20[7:0]
A20[15:8]
A20[7:0]
A20[15:8]
A20[7:0]
A21[15:8]
A21[7:0]
DA3
A20[7:0]
A21[15:8]
A21[7:0]
DB0
B10[15:8]
B10[15:8]
B10[7:0]
DB1
B10[7:0]
B11[15:8]
B11[7:0]
B10[15:8]
B10[7:0]
B10[15:8]
B10[7:0]
B11[15:8]
B11[7:0]
DB2
B20[15:8]
B20[15:8]
B20[7:0]
B20[15:8]
B20[7:0]
B20[15:8]
B20[7:0]
B21[15:8]
B21[7:0]
DB3
B20[7:0]
B21[15:8]
B21[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com