Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 58 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 54Page - Texas Instruments ADC32RF83 Datasheet HTML 55Page - Texas Instruments ADC32RF83 Datasheet HTML 56Page - Texas Instruments ADC32RF83 Datasheet HTML 57Page - Texas Instruments ADC32RF83 Datasheet HTML 58Page - Texas Instruments ADC32RF83 Datasheet HTML 59Page - Texas Instruments ADC32RF83 Datasheet HTML 60Page - Texas Instruments ADC32RF83 Datasheet HTML 61Page - Texas Instruments ADC32RF83 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
58
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4.2.4 JESD204B Frame Assembly with Decimation (Single-Band DDC): Real Output
Table 17 lists the available JESD204B formats and valid ranges for the ADC32RF8x with decimation (single-
band DDC) when using real output format. The ranges are limited by the SerDes line rate and the maximum
ADC sample frequency. The sample alignment on the different lanes is shown in Table 18.
Table 17. JESD Mode Options: Single-Band Real Output (Wide Bandwidth)
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-4
(Divide-by-2 real)
1 per channel
8
2
2
4
20X
1
0
0
2.5
4
2
4
4
40X
2
0
0
5
4
2
1
1
40X
0
0
1
Divide-by-6
(Divide-by-3 real)
1 per channel
8
2
2
4
20X
1
0
0
1.67
4
2
4
4
40X
2
0
0
3.33
4
2
1
1
40X
0
0
1
Table 18. JESD Sample Lane Alignment: Single-Band Real Output (Wide Bandwidth)
OUTPUT
LANE
LMFS = 8224
LMFS = 4244
LMFS = 4211
DA0
A0[15:8]
A0[7:0]
DA1
A1[15:8]
A1[7:0]
A0[15:8]
A0[7:0]
A1[15:8]
A1[7:0]
A0[15:8]
DA2
A2[15:8]
A2[7:0]
A2[15:8]
A2[7:0]
A3[15:8]
A3[7:0]
A0[7:0]
DA3
A3[15:8]
A3[7:0]
DB0
B0[15:8]
B0[7:0]
DB1
B1[15:8]
B1[7:0]
B0[15:8]
B0[7:0]
B1[15:8]
B1[7:0]
B0[15:8]
DB2
B2[15:8]
B2[7:0]
B0[15:8]
B2[7:0]
B3[15:8]
B3[7:0]
B0[7:0]
DB3
B3[15:8]
B3[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com