Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 72 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 68Page - Texas Instruments ADC32RF83 Datasheet HTML 69Page - Texas Instruments ADC32RF83 Datasheet HTML 70Page - Texas Instruments ADC32RF83 Datasheet HTML 71Page - Texas Instruments ADC32RF83 Datasheet HTML 72Page - Texas Instruments ADC32RF83 Datasheet HTML 73Page - Texas Instruments ADC32RF83 Datasheet HTML 74Page - Texas Instruments ADC32RF83 Datasheet HTML 75Page - Texas Instruments ADC32RF83 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
72
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 27. Register Map (continued)
REGISTER
ADDRESS
A[11:0] (Hex)
REGISTER DATA
7
6
5
4
3
2
1
0
DECIMATION FILTER PAGE (Direct Addressing, 16-Bit Address, 5000h for Channel A and 5800h for Channel B)
000
0
0
0
0
0
0
0
DDC EN
001
0
0
0
0
DECIM FACTOR
002
0
0
0
0
0
0
0
DUAL BAND EN
005
0
0
0
0
0
0
0
REAL OUT EN
006
0
0
0
0
0
0
0
DDC MUX
007
DDC0 NCO1 LSB
008
DDC0 NCO1 MSB
009
DDC0 NCO2 LSB
00A
DDC0 NCO2 MSB
00B
DDC0 NCO3 LSB
00C
DDC0 NCO3 MSB
00D
DDC1 NCO4 LSB
00E
DDC1 NCO4 MSB
00F
0
0
0
0
0
0
0
NCO SEL PIN
010
0
0
0
0
0
0
NCO SEL
011
0
0
0
0
0
0
LMFC RESET MODE
014
0
0
0
0
0
0
0
DDC0 6DB GAIN
016
0
0
0
0
0
0
0
DDC1 6DB GAIN
01E
0
DDC DET LAT
0
0
0
0
01F
0
0
0
0
0
0
0
WBF 6DB GAIN
033
CUSTOM PATTERN1[7:0]
034
CUSTOM PATTERN1[15:8]
035
CUSTOM PATTERN2[7:0]
036
CUSTOM PATTERN2[15:8]
037
TEST PATTERN DDC1 Q-DATA
TEST PATTERN DDC1 I-DATA
038
TEST PATTERN DDC2 Q-DATA
TEST PATTERN DDC2 I -DATA
039
0
0
0
0
0
0
0
USE COMMON
TEST PATTERN
03A
0
0
0
0
0
0
TEST PAT RES
TP RES EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com