Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1799 Datasheet HTML 1Page - Microchip Technology MCP1799 Datasheet HTML 2Page - Microchip Technology MCP1799 Datasheet HTML 3Page - Microchip Technology MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 3
MCP1799
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ..........................................................................................................................................................+66.0V
Maximum Voltage on VIN ...................................................................................................... (GND - 0.3V) to (VIN+0.3V)
Maximum Voltage on VOUT- ............................................................................................................(GND - 0.3V) to 5.5V
Internal Power Dissipation .......................................................................... ............................Internally-Limited (Note 3)
Output Short Circuit Current..........................................................................................................................Continuous
Storage Temperature ............................................................................................................................. -55°C to +175°C
Maximum Junction Temperature, TJ ..................................................................................................................... +185°C
Operating Junction Temperature, TJ .......................................................................................................-40°C to +150°C
ESD protection on all pins:
HBM ....................................................................................................................................................................... ≥ 4kV
CDM ...................................................................................................................................................................... ≥ 750V
MM .........................................................................................................................................................................≥ 400V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = 6.2V(for VR =5V), VIN = 4.5V(for VR =3.3V), IOUT =1 mA,
CIN =COUT = 1.0 µF ceramic (X7R), TA = +25°C. Boldface type applies for ambient temperatures TA of -40°C to
+150°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Operating Voltage
VIN
4.5
—
45
V
VR = 3.3V, IOUT ≤ 80 mA
6.2
—
45
VR =5V, IOUT ≤ 80 mA
Input Voltage to Turn On
Output
VUVLO_High
—2.8
—
V
rising VIN, VIN = 0 to VIN(MIN)
Input Voltage to Turn Off
Output
VUVLO_Low
—
2.6
—
falling VIN, VIN = VIN(MIN) to 0
Output Voltage Range
VOUT
VR-2%
VR
VR+2%
(Note 1)
Input Quiescent Current
IQ
—25
45
µA
IOUT =0A
Ground Current
IGND
—45
110
µA
IOUT =80 mA
Maximum
Output Current
IOUT
80
——
mA
(Note 3)
Line Regulation
VOUT/
(VOUTxVIN)
-0.05
±0.02
+0.05
%/V
4.5V ≤ VIN ≤ 45V for VR = 3.3V
6.2V ≤ VIN ≤ 45V for VR = 5V
Note 1:
VR is the nominal regulator output voltage.
2:
Load regulation is measured at a constant ambient temperature using a DC current source. Load
regulation is tested over a load range 1 mA to the maximum specified output current.
3:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air. (i.e., TA, TJ, JA). See Section
“Temperature Specifications” for more information. Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating.
Sustained junction temperatures above +150°C might impact the device reliability.
4:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN =VR +1.2V.
5:
PSRR measurement is carried out with CIN =0 µF, VIN =7V, IOUT =50mA, VINAC =0.4Vpkpk
6:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com