Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1799 Datasheet HTML 1Page - Microchip Technology MCP1799 Datasheet HTML 2Page - Microchip Technology MCP1799 Datasheet HTML 3Page - Microchip Technology MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 4
MCP1799
Load Regulation
VOUT/VOUT
-0.8
±0.4
+0.8
%
IOUT = 1 mA to 80 mA
(Note 2)
Output Current Limit
IOUT_CL
—150
215
mA
VIN = VIN(MIN), VOUT >0.1V,
(Note 6)
Output Peak Current
Limit
IOUT_PCL
1700
2500
mA
Dropout Voltage
VDROPOUT
—300
1100
mV
IOUT =80 mA (Note 4)
AC Performance
Output Noise
eN
—500
—
µVrms
f= 100 Hz to 100kHz
VIN = 12V, VR =5V
IOUT =10 mA(Note 6)
Power Supply Ripple
Rejection Ratio
PSRR
—
70
—dB
f= 100 Hz (Note 5) (Note 6)
70
f = 1 kHz (Note 5) (Note 6)
35
f = 100 kHz (Note 5) (Note 6)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = 6.2V(for VR =5V), VIN = 4.5V(for VR =3.3V), IOUT =1 mA,
CIN =COUT = 1.0 µF ceramic (X7R), TA = +25°C. Boldface type applies for ambient temperatures TA of -40°C to
+150°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
VR is the nominal regulator output voltage.
2:
Load regulation is measured at a constant ambient temperature using a DC current source. Load
regulation is tested over a load range 1 mA to the maximum specified output current.
3:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air. (i.e., TA, TJ, JA). See Section
“Temperature Specifications” for more information. Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating.
Sustained junction temperatures above +150°C might impact the device reliability.
4:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN =VR +1.2V.
5:
PSRR measurement is carried out with CIN =0 µF, VIN =7V, IOUT =50mA, VINAC =0.4Vpkpk
6:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com