Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 3Page - Microchip Technology MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 7
MCP1799
Note: Unless otherwise indicated, CIN =COUT = 1 µF ceramic (X7R), IOUT =1 mA, TA =+25°C, VIN =VR +1.2V.
FIGURE 2-7:
Load Regulation vs.
Ambient Temperature (VR =5.0V).
FIGURE 2-8:
Line Regulation vs. Ambient
Temperature (VR =3.3V).
FIGURE 2-9:
Line Regulation vs. Ambient
Temperature (VR =5.0V).
FIGURE 2-10:
Quiescent Current vs.Input
Voltage (VR =3.3V).
FIGURE 2-11:
Quiescent Current vs.Input
Voltage (VR =5.0V).
FIGURE 2-12:
Ground Current vs. Output
Current (VR =3.3V).
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
-40
-15
10
35
60
85
110
135
160
Ambient Temperature (°C)
V
IN = 6.2V
V
R = 5.0V
I
OUT = 1 mA to 80 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com