Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology MCP1799 Datasheet HTML 14Page - Microchip Technology MCP1799 Datasheet HTML 15Page - Microchip Technology MCP1799 Datasheet HTML 16Page - Microchip Technology MCP1799 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 13
MCP1799
4.4
Circuit Protection
The MCP1799 features current limit protection during
an output short circuit event that occurs in normal oper-
ation.
The MCP1799 was tested using the AEC-Q100 test
set-up in Figure 4-2. The testing conditions require the
use of very high parasitic inductances on the input and
output. For cases like this, it is required to prevent the
output voltage going below ground with more than 1V.
Note that the VOUT pin can withstand a maximum of
-0.3VDC (see Absolute Maximum Ratings †). This
can be achieved by placing a Schottky diode with the
cathode to VOUT and anode to ground.
Thermal shutdown functionality is present on the
device and adds to the protection features of the part.
Thermal shutdown gets triggered at typical value of
+180°C and has a typical hysteresis of 22°C.
FIGURE 4-2:
Short Circuit Test Set-Up.
4.5
Dropout Operation
For VR = 5V, MCP1799 can be found operating in a
dropout condition (the minimum input voltage is 4.5V),
which can happen during a cold crank event, when the
supply voltage can drop down to 3V. It is preferred to
make sure that the part does not operate in dropout
during DC operation so that the AC performance is
maintained.
The device has a dropout voltage of approximately
300 mV at full load and room temperature, but because
of the extended temperature range at +150°C, due to
increased leakage at hot, it reaches up to 1100 mV. For
a 5V output, the minimum supply voltage required in
order to have a regulated output, within specification, is
6.2V.
FIGURE 4-3:
Line Step from Dropout.
4.6
Input UVLO
On the rising edge of the VIN input, the internal
architecture adds 550 µs delay before allowing the
regulator output to turn on. After this 550 µs delay, the
regulator starts charging the load capacitor as the
output rises from 0V to its regulated value. The
charging current amplitude will be limited by the short
circuit current value of the device.
The UVLO block helps prevent false start-ups, during
the power-up sequence, until the input voltage reaches
a value of 2.8V. The minimum input voltage required for
normal operation is 4.5V.
4.7
Package and Device
Qualifications
The MCP1799 are AEC-Q100, grade 0 and PPAP
capable. The Grade 0 qualification allows the
MCP1799 to be used within an extended temperature
range, from -40°C to +150°C.
VIN
VOUT
GND
MCP1799
COUT
1 µF
50V
CIN
1 µF
100V
Lshort = 5 µH
Rshort = 10 m
Ω
Lshort = 5 µH
Rshort = 100 m
Ω
GND
OFF
ON
Ideal
Supply
GND
VIN
200 ms/div
2V/div
VOUT
2V/div
IOUT = 10 mA
11V
VR = 5V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com