Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology MCP1799 Datasheet HTML 14Page - Microchip Technology MCP1799 Datasheet HTML 15Page - Microchip Technology MCP1799 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 12
MCP1799
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1799 is an AEC-Q100 qualified LDO, capable
of delivering 80 mA of current, over the entire operating
temperature range. The part is stable with a minimum
1 µF output ceramic capacitor, has current limit
protection and extended working temperature range:
-40° to +150°. The device also features a PSRR of
70 dB typical for 100 Hz frequency.
FIGURE 4-1:
Simplified Functional Block Diagram.
4.2
Output Capacitance Requirements
The MCP1799 requires a minimum output capacitance
of 1 µF for output voltage stability. The output capacitor
should be located as close to the LDO output as it is
practical. The device is designed to work with low ESR
ceramic capacitors. Ceramic materials X8R\L or X7R
have low temperature coefficients and are well within
the acceptable ESR range required. A typical 1 µF X7R
0805 capacitor has an ESR of 50 m
. It is
recommended to use an appropriate voltage rating
capacitor, and the derating of the capacitance as a
function of voltage and temperature needs to be taken
into account. For improved transitory behavior over the
entire temperature range, a 2.2 µF output capacitor is
recommended. The ceramic capacitor type should be
X7R or X8R/L because their dielectrics are rated for use
with temperatures between -40°C to +125° or -55°C to
+150°C, respectively.
4.3
Input Capacitance Requirements
Low input-source impedance is necessary for the LDO
output to operate properly. When operating from
batteries, or in applications with long lead length
(>10 inches) between the input source and the LDO,
adding input capacitance is recommended. A minimum
of 1 µF to 10 µF of capacitance is sufficient for most
applications. Given the high input voltage capability of
the MCP1799, of up to 45V DC, it is recommended to
use an appropriate voltage rating capacitor, and the de-
rating of the capacitance as a function of voltage and
temperature needs to be taken into account. The
ceramic capacitor type should be X7R or X8R\L
because their dielectrics are rated for use with
temperatures between -40°C to +125°C or -55°C to
+150°C, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com