Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1799 Datasheet HTML 1Page - Microchip Technology MCP1799 Datasheet HTML 2Page - Microchip Technology MCP1799 Datasheet HTML 3Page - Microchip Technology MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 1
MCP1799
Features
• AEC-Q100 with Grade 0 and PPAP Capable
• Wide Input Voltage Range: 4.5V to 45V
- Under Voltage Lock Out: 2.8V typical
• Extended Working Temperature Range: -40°C to
+150°C
• Standard Output Regulated Voltages (VR): 3.3V
and 5.0V
- Tolerance ±2%
• Low Quiescent Supply Current: 25 µA typical
• Output Current Capability: 80 mA typical
• Stable with 1 µF Ceramic Output Capacitor
• Short Circuit Protection
• Thermal Shutdown Protection:
- +180°C typical
- Hysteresis: 22°C typical
• High PSRR:
-70 dB @ 1 kHz typical
• Available in the Following Packages:
- 3-Lead SOT-23
- 3-Lead SOT-223
Applications
• Automotive Electronics
• Microcontroller Biasing
• Cordless Power Tools, Home Appliances
E-bikes, drones, etc.
• Smoke Detectors and Other Alarm Sensors
Description
The MCP1799 is a high-voltage, low-dropout (LDO)
regulator, capable of generating 80 mA output current.
The input voltage range of 4.5V to 45V makes it ideal in
12V to 36V power rails and in high-voltage battery
packs.
The MCP1799 comes in two standard fixed output-
voltage versions: 3.3V and 5.0V. The regulator output
is stable with 1 µF ceramic capacitors. The device is
protected from short circuit events by the current limit
function and from over heating by means of thermal
shutdown protection.
The device itself has a low ground current of 45 µA
typical, while delivering maximum output current of 80
mA. Without load the device consumes 25 µA typical.
Typical Application
VIN
VOUT
GND
MCP1799
COUT
1 µF
CIN
1 µF
VBAT = 12 to 36V
LOAD
80 mA High-Voltage Automotive LDO


Similar Part No. - MCP1799

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1790 MICROCHIP-MCP1790 Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DB MICROCHIP-MCP1790-3002E/DB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DC MICROCHIP-MCP1790-3002E/DC Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/EB MICROCHIP-MCP1790-3002E/EB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/ET MICROCHIP-MCP1790-3002E/ET Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
More results

Similar Description - MCP1799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
80 mA LDO VOLTAGE REGULATOR IC
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
2005
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
03/01/05
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
Microchip Technology
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
關Cap 80 mA LDO Regulator
09/14/21
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
logo
Microchip Technology
MCP1792 MICROCHIP-MCP1792 Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com