Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 8
MCP1799
Note: Unless otherwise indicated, CIN =COUT = 1 µF ceramic (X7R), IOUT =1 mA, TA = +25°C, VIN =VR +1.2V.
FIGURE 2-13:
Ground Current vs. Output
Current (VR =5.0V).
FIGURE 2-14:
Noise vs. Frequency
(VR =3.3V).
FIGURE 2-15:
Noise vs. Frequency
(VR = 5.0V).
FIGURE 2-16:
Power Supply Ripple
Rejection Ratio vs. Frequency (VR = 3.3V).
FIGURE 2-17:
Power Supply Ripple
Rejection Ratio vs. Frequency (VR = 5.0V).
0.001
0.010
0.100
1.000
10.000
100.000
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
V
IN [V] = 12
V
OUT [V] = 3.3
load [mA] = 10
C
OUT [μF] = 1
Output Noise 10 Hz - 100 kHz [μVrms] = 295.78
0.001
0.010
0.100
1.000
10.000
100.000
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
V
IN [V] = 12
V
OUT [V] = 5
load [mA] = 10
C
OUT [μF] = 1
Output Noise 10 Hz - 100 kHz [μVrms] = 444.13
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R = 3.3V
C
IN = not used
C
OUT = 1 μF
V
IN = 7V + 0.4VPKPK
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R = 5.0V
C
IN = not used
C
OUT = 1 μF
V
IN = 7V + 0.4VPKPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com