Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology MCP1799 Datasheet HTML 14Page - Microchip Technology MCP1799 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 11
MCP1799
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Pin (GND)
For optimal noise and Power Supply Rejection Ratio
(PSRR) performance, the GND pin of the LDO should
be tied to an electrically “quiet” circuit ground. This will
ensure the LDO power supply rejection ratio and noise
device performance. The GND pin of the LDO conducts
only ground current, so a wide trace is not required. For
applications that have switching or noisy inputs, tie the
GND pin to the return of the output capacitor. Ground
planes help lower the inductance and as a result,
reduce the effect of fast current transients.
3.2
Regulated Output Voltage Pin
(VOUT)
The VOUT pin is the regulated output voltage VR of the
LDO. A minimum output capacitance of 1 µF is
required for the LDO to ensure the stability in all the typ-
ical applications. The MCP1799 is stable with ceramic
capacitors. See Section 4.2, Output Capacitance
Requirements for output capacitor selection guidance.
3.3
Input Voltage Supply Pin (VIN)
Connects the voltage source to VIN. If the input voltage
source is located several inches away from the LDO, or
the input source is a battery, it is recommended that an
input capacitor be used. A typical input capacitance
value of 1 µF to 10 µF should be sufficient for most
applications. The type of capacitor used is ceramic.
However, the low ESR characteristics of the ceramic
capacitor will yield better noise and PSRR performance
at high frequency.
TABLE 3-1:
PIN FUNCTION TABLE
SOT 23-3
SOT 223-3
Symbol
Description
1
2
GND
Ground
23
VOUT
Regulated Output Voltage VR
31
VIN
Input Voltage Supply
—4
TAB
Exposed Thermal Pad, connected internally to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com