Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1799 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology MCP1799 Datasheet HTML 14Page - Microchip Technology MCP1799 Datasheet HTML 15Page - Microchip Technology MCP1799 Datasheet HTML 16Page - Microchip Technology MCP1799 Datasheet HTML 17Page - Microchip Technology MCP1799 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 14
MCP1799
5.0
APPLICATION INFORMATION
5.1
Typical Application
The MCP1799 is used for applications that require
high input voltage and are prone to high transient
voltages on the input.
FIGURE 5-1:
Typical Application Circuit using a High Voltage Battery Pack.
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1799 is a
function of input voltage, output voltage, output current
and quiescent current. Equation 5-1 can be used to
calculate the internal power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1799 as a
result of quiescent or ground current. The power
dissipation, as a result of the ground current, can be
calculated by applying Equation 5-2:
EQUATION 5-2:
The total power dissipated within the MCP1799 is the
sum of the power dissipated in the LDO pass device
and the P(IGND) term. Because of the CMOS
construction, the typical IGND for the MCP1799 is
typical 50 µA at full load. Operating at a maximum VIN
of 45V results in a power dissipation of 2.25 mW.
For most applications, this is small compared to the
LDO pass device power dissipation, and can be
neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1799 is +150°C. To
estimate the internal junction temperature of the
MCP1799, the total internal power dissipation is
multiplied by the thermal resistance from junction-to-
ambient (R
JA) of the device. For example, the thermal
resistance from junction-to-ambient for the 3-Lead
SOT-223 package is estimated at 70°C/W.
EQUATION 5-3:
The maximum power dissipation capability for a pack-
age can be calculated given the junction-to-ambient
thermal resistance and the maximum ambient tem-
perature for the application. Equation 5-4 can be used
to determine the package maximum internal power
dissipation.
VIN
VOUT
GND
MCP1799
COUT
1 µF
VDC
CIN
1 µF
0V DC
VBAT = 4.5V to 45V
µController
PLDO
VIN MAX

VOUT MIN

–
 I
OUT MAX

=
Where:
PLDO = Internal power dissipation of the
LDO pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
IOUT(MAX) = Maximum output current
PIGND

VIN MAX

IGND
=
Where:
PI(GND) = Power dissipation due to the ground
current of the LDO
VIN(MAX) = Maximum input voltage
IGND = Current flowing into the GND pin
TJMAX

PLDO JA
TAMAX

+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PLDO = Total power dissipation of the device
JA = Thermal resistance from junction-to-
ambient
TA(MAX) = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com