Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 105 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 105 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 101Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 102Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 103Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 104Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 105Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 106Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 107Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 108Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 199 page
background image
7.6.2.49 DATA_SCR_CFG Register (Address = 0x55A) [reset = 0x0]
DATA_SCR_CFG is shown in Table 7-72.
Return to the Summary Table.
Table 7-72. DATA_SCR_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
1b0
Reserved
14-6
cfg_ecc_error
R/W
9b00000000
0
9 bit error val xor'ed to memory data input for ECC testing
5
cfg_ecc_corrupt
R/W
1b0
Enable corruption of memory data for ECC testing
4
cfg_rx_delay_data_scr
R/W
1b0
Delay generation of rx descrmabler symbols by 1 bit
1b0 = Do not delay generation of rx descrmabler symbols by 1 bit
1b1 = Delay generation of rx descrmabler symbols by 1 bit
3
cfg_tx_delay_data_scr
R/W
1b0
Delay generation of tx scrmabler symbols by 1 bit
1b0 = Do not delay generation of tx scrmabler symbols by 1 bit
1b1 = Delay generation of tx scrmabler symbols by 1 bit
2
cfg_rx_data_scr_order_inv R/W
1b0
Enable to generate rx descrambler symbols from S[0] instead of
S[14] Valid only if LP's 0x55A[1] is set (TI-TI link)
1b0 = Use S[14] as rx descrambler symbols
1b1 = Use S[0] as rx descrmabler symbols
1
cfg_tx_data_scr_order_inv R/W
1b0
Enable to generate tx scrambler symbols from S[0] instead of S[14]
Valid only if LP's 0x55A[2] is set (TI-TI link)
1b0 = Use S[14] as tx scrambler symbols
1b1 = Use S[0] as tx scrmabler symbols
0
cfg_data_scr_bypass
R/W
1b0
Bypass data scrmabler on Tx as well as Rx path
1b0 = Do not bypass data scramblers
1b1 = Bypass data scramblers
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com