Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 108 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 108 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 104Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 105Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 106Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 107Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 108Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 109Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 110Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 111Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 199 page
background image
7.6.2.52 TEST_MEM_CFG Register (Address = 0x561) [reset = 0x17A0]
TEST_MEM_CFG is shown in Table 7-75.
Return to the Summary Table.
Table 7-75. TEST_MEM_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R
3b000
Reserved
12-6
cfg_wait_time_xcorr_wen
R/W
7b1011110
Wait timer after TX_SEND_S after which testmem is written on
energy fall Note : Valid only if 0x561[3] is set
5
cfg_xcorr_dbg_sel
R/W
1b1
0b = Select xcorr from aligned detector to write to test mem 1b =
Select xcorr from shifted detector to write to test mem Note : Valid
only if 0x561[3] is set
4
cfg_send_s_infinite_loop
R/W
1b0
enable transmitting infinite send_s sequence. For send_s debug.
Valid only in master and when 0x56A[15] is set.
1b0 = disable infinte send_s mode
1b1 = enable infinite send_s mode
3
cfg_xcorr_dbg_test_mem
R/W
1b0
enabled xcorr debug for send_s. Valid only if 0x561[0] is 1'b0
1b0 = Normal send_s debug. Refer to 0x561[1]
1b1 = Enabled xcorr debug
2
cfg_ecc_en
R/W
1b0
Enable ECC logic for RS decoder memory
1b0 = ECC encoding/decoding is disabled
1b1 = ECC encoding/decoding is enabled
1
cfg_test_mem_sigdet_deb
ug
R/W
1b0
Enable sidget debug mode in test mem send s mode Valid only if
0x561[0] is 1'b0
1b0 = Test mem written in send s mode only on state transition
1b1 = Enable sigdet debug mode in test mem send s mode
0
cfg_pcs_test_mem_mode R/W
1b0
Choose send s or train rx test mem mode
1b0 = Send s info on test mem
1b1 = Train rx info on test mem
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
108
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com