Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 111 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 111 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 107Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 108Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 109Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 110Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 111Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 112Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 113Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 114Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 199 page
background image
7.6.2.55 RGMII_CTRL Register (Address = 0x600) [reset = 0x120]
RGMII_CTRL is shown in Table 7-78.
Return to the Summary Table.
Table 7-78. RGMII_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R
6b000000
Reserved
9-7
rgmii_rx_half_full_th
R/W
3b010
RGMII RX sync FIFO half full threshold
6-4
rgmii_tx_half_full_th
R/W
3b010
RGMII TX sync FIFO half full threshold
3
rgmii_tx_if_en
R/W
1b0
RGMII enable bit Default from strap
1b0 = RGMII disable
1b1 = RGMII enable
2
invert_rgmii_txd
R/W
1b0
Invert RGMII Tx wire order - full swap [3:0] to [0:3]
1b0 = Keep RGMII Tx wire order same - [3:
1b1 = Invert RGMII Tx wire order - [3:
1
invert_rgmii_rxd
R/W
1b0
Invert RGMII Rx wire order - full swap [3:0] to [0:3]
1b0 = Keep RGMII Rx wire order same - [3:
1b1 = Invert RGMII Rx wire order - [3:
0
sup_tx_err_fd
R/W
1b0
1: suppress tx_err in full duplex mode when tx_en set to zero 0:
allow tx_err assertion to PHY when tx_en set to zero (this bit can
disable the TX_ERR indication input)
1b0 = allow tx_err assertion to PHY when tx_en set to zero
1b1 = suppress tx_err in full duplex mode when tx_en set to zero
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com