Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 29 of 37
APPLICATIONS INFORMATION
COMPONENT SELECTION
Feedback Resistors
The ADP1032 provides an adjustable output voltage for the
flyback regulator. An external resistor divider sets the output
voltage, for which the divider output must equal the appropriate
feedback reference voltage, VFB1. To limit the output voltage
accuracy degradation due to the feedback bias current, ensure
that the current through the divider is at least 10 times IFB1. The
recommended first feedback resistor (RFB1) values are in the
range of 50 kΩ to 250 kΩ to minimize the output voltage error
due to the bias current and to lessen the power dissipation
across the feedback resistors. The external feedback resistors are
not required for the fixed output versions because the feedback
resistors are already inside the chip.
VOUT1
6V TO 28V
Tx1
VINP
FB1
VOUT1
VINP
SWP
CFLYBK
SGND2
D1
RFT1
RFB1
FLYBACK
1:1
10µF
Figure 72. Flyback Regulator Output Voltage Setting
Set the positive output for the flyback regulator by using the
following equation:
VOUT1 = VFB1 × (1 + (RFT1/RFB1))
where:
VOUT1 is the flyback output voltage.
VFB1 is the flyback feedback voltage.
RFT1 is the feedback resistor from VOUT1 to FB1.
RFB1 is the feedback resistor from FB1 to SGND2.
Conversely, calculate the value of the top resistor for the target
VOUT1 by:
RFT1 = RFB1 × ((VOUT1/VFB1) − 1)
Table 16. Recommended Feedback Resistor Values
Desired Output
Voltage (V)
Flyback Regulator
RFT1 (MΩ)
RFB1 (kΩ)
Calculated Output
Voltage (V)
6
0.715
110
6.000
9
1.24
121
8.998
12
1.54
110
12.000
15
2.15
121
15.015
24
3.48
120
24.000
28
3.4
100
28.000
Capacitor Selection
Higher output capacitor values reduce the output voltage ripple
and improve the load transient response. When choosing this
value, it is also important to account for the loss of capacitance
due to the output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure the
minimum capacitance over the necessary temperature range and
dc bias conditions. X5R or X7R dielectrics with voltage ratings of
25 V to 50 V (depending on output) are recommended for best
performance. Y5V and Z5U dielectrics are not recommended for
use with any dc-to-dc converter because of their poor temperature
and dc bias characteristics.
Calculate the worst case capacitance accounting for capacitor
variation over temperature, component tolerance, and voltage
using the following equation:
CEFFECTIVE = CNOMINAL × (1 − TEMPCO) × (1 − DCBIASCO) ×
(1 − Tolerance)
where:
CEFFECTIVE is the effective capacitance at the operating voltage.
CNOMINAL is the nominal capacitance shown in this data sheet.
TEMPCO is the worst case capacitor temperature coefficient.
DCBIASCO is the dc bias derating at the output voltage.
Tolerance is the worst case component tolerance.
To guarantee the performance of the device, it is imperative to
evaluate the effects of dc bias, temperature, and tolerances on
the behavior of the capacitors for each application.
Capacitors with lower effective series resistance (ESR) and effective
series inductance (ESL) are preferred to minimize voltage ripple.
FLYBACK REGULATOR COMPONENTS SELECTION
Input Capacitor
An input capacitor must be placed between the VINP pin and
ground. Ceramic capacitors greater than or equal to 3.3 μF over
temperature and voltage are recommended. The input capacitor
reduces the input voltage ripple caused by the switching current.
Place the input capacitor as close as possible to the VINP pin
and PGNDP pin to reduce input voltage spikes. The voltage
rating of the input capacitor must be greater than the maximum
input voltage.
Output Capacitor
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
the output voltage dc bias. A 10 μF capacitor is recommended as a
balance between performance and size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com