Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 11 of 37
Pin No.
Mnemonic
Isolation
Domain
Direction
Description
27
SGND2
Slave
Ground
Slave Domain Ground Connection. This pin can be left unconnected.
28
PGNDP
Field
power
Ground
Ground Return for Flyback Regulator Power Supply.
29
SWP
Field
power
Not applicable
Flyback Regulator Switching Node. Primary side transformer connection.
30
VINP
Field
power
Power
Flyback Regulator Supply Voltage. Connect a minimum of 3.3 µF capacitor from
VINP to PGNDP.
31
EN
Field
power
Input
Precision Enable. Compare the EN pin to an internal precision reference to enable
the flyback regulator output.
32
SLEW
Field
power
Input
Flyback Regulator Slew Rate Control. The SLEW pin sets the slew rate for the SWP
driver. For the fastest slew rate (best efficiency), leave the SLEW pin open. For the
normal slew rate, connect the SLEW pin to VINP. For the slowest slew rate (best
EMI performance), connect the SLEW pin to GNDP.
33
GNDP
Field
power
Ground
Field Power Signal Ground Connection.
34
MGND
Master
Ground
Master Domain Power Ground Connection.
35
PWRGD
Master
Ground
Power Good. This pin indicates when the secondary side supplies are within their
programmed range.
36
MGPI1
Master
Input
General-Purpose Input 1. This pin is paired with SGPO1.
37
MGPI2
Master
Input
General-Purpose Input 2. This pin is paired with SGPO2.
38
MGPO3
Master
Output
General-Purpose Output 3. This pin is paired with SGPI3.
39
MVDD
Master
Power
Master Domain Power. Connect a 100 nF decoupling capacitor from MVDD to
MGND.
40
MCK
Master
Input
SPI Clock Input from the Master Controller. Paired with SCK. On the slave domain,
this pin drives SCK.
41
MO
Master
Input
SPI Data Input Going to Slave MO and SI Line. Paired with SI. On the slave domain,
this pin drives SI.
EPGNDP
Field
power
Ground
PGNDP Exposed Pad. This pad is internally connected to PGNDP.
EPGNDM
Master
Ground
MGND Exposed Pad. This pad is internally connected to MGND.
EPGND2
Slave
Ground
SGND Exposed Pad. This pad is internally connected to SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com