Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1032ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Two-Channel, Isolated Micropower Management
Unit with Seven Digital Isolators
Data Sheet
ADP1032
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input supply voltage range: 4.5 V to 60 V
Integrated flyback power switch
Generates two isolated, well regulated independent outputs
VOUT1: 24 V or 6 V to 28 V
VOUT2: 3.3 V, 5.0 V, or 5.15 V
Uses a 1:1 ratio transformer for simplified transformer design
Peak current limiting and OVP for flyback and buck regulators
Precision enable input and power-good output
Adjustable switching frequency via SYNC input
Internal compensation and soft start control per regulator
High speed, low propagation delay, SPI signal isolation
channels
Three 100 kbps general-purpose isolated data channels
41-lead, 9 mm × 7 mm LFCSP form factor enables small
overall solution size
−40°C to +125°C operating junction temperature range
Safety and regulatory approvals (pending)
CISPR11 Class B radiated emission
UL recognition: 2500 V rms for 1 minute duration per UL 1577
CSA Component Acceptance Notice 5A
300 V rms basic insulation between slave, master, and
field power domains (IEC 61010-1, pending)
VDE certificate of conformity
DIN V VDE 0884-10 (VDE 0884-10):2006-12
VIORM = 565 VPEAK
APPLICATIONS
Industrial automation and process control
Instrumentation and data acquisition systems
Data and power isolation
GENERAL DESCRIPTION
The ADP1032 is a high performance, isolated micropower
management unit (PMU) that combines an isolated flyback and a
dc-to-dc regulator providing two isolated power rails. Additionally,
the ADP1032 contains four high speed serial peripheral interface
(SPI) isolation channels and three general-purpose isolators for
channel to channel applications where low power dissipation
and small solution size is required. Operating over an input
voltage range of 4.5 V to 60 V, the ADP1032 generates isolated
output voltages of 6 V to 28 V (adjustable version) or 24 V
(fixed version) for VOUT1, and factory programmable voltages
of 5.15 V, 5.0 V, or 3.3 V for VOUT2.
By default, the ADP1032 flyback regulator operates at a 250 kHz
switching frequency, and the buck regulator operates at 125 kHz.
TYPICAL APPLICATION CIRCUIT
VOUT1
VOUT2
3.3V, 5.0V, 5.15V
6V TO 28V
Tx1
VINP
PGND
SW2
FB1
VOUT1
ADP1032
VOUT2
SYNC
PGNDP
VINP
SLEW
SWP
L1
CIN
CFLYBK
ZCLAMP
DCLAMP
CBUCK
GNDP
SGND2
EN
D1
RFT1
RFB1
R3
R2
VSVDD
1.8V TO 5.5V
VMVDD
2.3V TO 5.5V
ISOLATED GPIO
CHANNELS AND SPI
INTERFACE
ISOLATED GPIO
CHANNELS AND SPI
INTERFACE
SGND2
SVDD2
C3
SGND1
SVDD1
PWRGD
MGND
MVDD
C4
C1
R1
4.5V TO 60V
Figure 1.
The two regulators are phase shifted relative to each other to
reduce electromagnetic interference (EMI). The ADP1032 can
be driven by an external oscillator in the range of 350 kHz to
750 kHz to ease noise filtering in sensitive applications.
The digital isolators integrated in the ADP1032 use Analog
Devices, Inc., iCoupler® chip scale transformer technology,
optimized for low power and low radiated emissions.
The ADP1032 is available in a 9 mm × 7 mm, 41-lead LFCSP and
is rated for a −40°C to +125°C operating junction temperature
range.
Table 1. Family Models
Model
Flyback Switch
(mA)
Buck Switch
(mA)
Inverter Switch
(mA)
ADP1031
300
300
300
ADP1032
440
300
Not applicable
COMPANION PRODUCTS
Analog Output DAC: AD5758
Universal Analog input: AD4110-1
Software Defined Input/Output: AD74412R
Precision Data Acquisition Subsystem: AD7768-1
Additional companion products on the ADP1032 product page


Similar Part No. - ADP1032ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1031 AD-ADP1031 Datasheet
1Mb / 37P
Three-Channel, Isolated Micropower Management Unit
1/2019-Revision 0
ADP1031 AD-ADP1031 Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADP1031 AD-ADP1031 Datasheet
1Mb / 38P
Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
Rev. A
ADP1031ACPZ-1-R7 AD-ADP1031ACPZ-1-R7 Datasheet
1Mb / 38P
Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
Rev. A
ADP1031ACPZ-2-R7 AD-ADP1031ACPZ-2-R7 Datasheet
1Mb / 38P
Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
Rev. A
More results

Similar Description - ADP1032ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
658Kb / 20P
Two-Channel Digital Isolators
Rev 0; 6/16
logo
Analog Devices
ADP1031 AD-ADP1031 Datasheet
1Mb / 37P
Three-Channel, Isolated Micropower Management Unit
1/2019-Revision 0
logo
Maxim Integrated Produc...
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX12934 MAXIM-MAX12934_V01 Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
logo
Analog Devices
ADP1031 AD-ADP1031_V01 Datasheet
1Mb / 38P
Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
Rev. A
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADP1034 AD-ADP1034 Datasheet
4Mb / 41P
3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
Micropower Quad-Channel Digital Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com