Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1032ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 4 of 37
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER GOOD
Power-Good Threshold
Flyback Regulator
Lower Limit
VPG_FLYBACK_LL
87.5
90
92.5
%
Fixed and adjustable output versions
Upper Limit
VPG_FYLBACK_UL
107.5
110
112.5
%
Fixed and adjustable output versions
Buck Regulator
Lower Limit
VPG_BUCK_LL
87.5
90
92.5
%
Upper Limit
VPG_BUCK_UL
107.5
110
112.5
%
Glitch Rejection
1.36
µs
Glitch of ±15% of the typical output
Output Voltage
Logic High
VPWRGD_OH
VMVDD − 0.4
V
PWRGD current (IPWRGD) = −1 mA
Logic Low
VPWRGD_OL
0.4
V
IPWRGD = 1 mA
SLEW
Voltage Level Threshold
Slow Slew Rate
0.8
V
Normal Slew Rate
2
V
Input Current
Slow Slew Rate
−10
µA
Slew voltage (VSLEW) = 0 V to 0.8 V
Normal Slew Rate
10
µA
VSLEW = 2 V to VINP
Fast Slew Rate
−1
+1
µA
SLEW pin not connected
CLOCK SYNCHRONIZATION
SYNC Input
Input Clock
Range
fSYNC
350
750
kHz
Minimum On Pulse Width
tSYNC_MIN_ON
100
ns
Minimum Off Pulse Width
tSYNC_MIN_OFF
150
ns
High Logic
VH (SYNC)
1.3
V
Low Logic
VL (SYNC)
0.4
V
Leakage Current
−1
+0.005
+1
µA
SYNC voltage (VSYNC) = VSVDDx
FLYBACK REGULATOR
Output Voltage Range
VOUT1 (ADJ)
6
28
V
ADP1032ACPZ-1, ADP1032ACPZ-2,
and ADP1032ACPZ-3
VOUT1 (FIXED)
24
V
ADP1032ACPZ-4 and
ADP1032ACPZ-5
Output Voltage Accuracy
−1.5
1.5
%
Fixed output options
Feedback Voltage
VFB1
0.8
V
Feedback Voltage Accuracy
−1.5
+1.5
%
Adjustable output options
Feedback Bias Current
IFB1
0.05
µA
Load Regulation
(ΔVFB1/VFB1)/
ΔIOUT1
−0.0005
%/mA
IOUT1 = 4 mA to 100 mA, IOUT2 = 30 mA
Line Regulation
(ΔVOUT1/VOUT1)/
ΔVINP
0.0002
%/V
VINP = 18 V to 32 V, IOUT1 = 80 mA,
IOUT2 = 10 mA
Power Field Effect Transistor
(FET) On Resistance
RON (FLYBACK)
3
Ω
SWP current (ISWP) = 100 mA
Current-Limit Threshold
ILIM (FLYBACK)
400
440
480
mA
SWP Leakage Current
0.03
0.5
µA
SWP voltage (VSWP) = 60 V
SWP Capacitance
CSWP
50
pF
Switching Frequency
fSW (FLYBACK)
235
250
265
kHz
SYNC = low or high
fSYNC/2
kHz
SYNC = external clock
Minimum On Time
425
ns
Minimum Off Time
220
ns
Soft Start Timer
tSS (FLYBACK)
8
ms
Severe Overvoltage Threshold
SOVPFLYBACK
29.4
30
30.6
V
Flyback regulator stops switching until
the overvoltage is removed
Severe Overvoltage Hysteresis
SOVPFLYBACK_HYST
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com