Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 30 of 37
Ripple Current vs. Capacitor Value
The output capacitor value must be chosen to minimize the
output voltage ripple while considering the increase in size and
cost of a larger capacitor. Use the following equation to calculate
the output capacitance:
COUT = (LPRI × ISWP2)/(2 × VOUT1 × ΔVOUT1)
where:
COUT is the capacitance of the flyback output capacitor.
LPRI is the primary inductance of the transformer.
ISWP is the peak switch current.
ΔVOUT1 is the allowable flyback regulator output ripple.
Schottky Diode
A Schottky diode with low junction capacitance is recommended
for the rectification diode D1. At higher output voltages and
especially at higher switching frequencies, the junction capacitance
is a significant contributor to efficiency. Choose an output diode
with a forward current rating (IF) that is greater than the maximum
load requirement and with a reverse voltage rating (VR) that is
greater than the summation of the maximum supply voltage
(VINP (MAX)) and the maximum output voltage (VOUT1 (MAX)).
Transformer
The transformer used with the ADP1032 is an important
component within the system, in terms of efficiency and
maximum output power capability. The transformer designs are
listed in Table 17. A number of factors must be taken into account
when designing a transformer for use with the ADP1032.
Turn Ratio
The ADP1032 requires the use of a transformer with a primary
to secondary turn ratio of 1:1 to start up properly.
Primary Inductance
The ADP1032 operates with a transformer with an inductance
in the 80 μH to 560 μH range. However, it is recommended to
choose an inductance value that results in the flyback regulator
output voltage (VOUT1) divided by the transformer primary
inductance being less than or equal to 140,000 to maintain
control loop stability.
VOUT1/LPRI ≤ 140,000
Using a transformer at the lower end of the inductance range can
result in a smaller transformer but also reduces the output power
capabilities due to larger ac ripple current through the transformer.
Conversely, operating at higher inductance can result in higher
output power at the expense of a potentially larger transformer.
Flyback Transformer Saturation Current
Do not exceed the saturation current of the transformer in
operation, or this may lead to much higher losses and overall
lower system efficiency. Choose a transformer with a saturation
current rating that is greater than the expected peak switch
current (ISWP) across line and load conditions.
Series Winding Resistance
In power loss sensitive applications, keep the series resistance of
the primary and secondary windings as low as possible to
improve overall efficiency.
Leakage Inductance and Clamping Circuits
When choosing a transformer to operate with the ADP1032,
minimize transformer leakage inductance. Leakage inductance
causes a voltage spike to appear on the SWP node when the
flyback regulator switch is off due to energy storage in the
leakage inductance that is not transferred to the output. The
voltage spike is more prominent at higher load currents and
increases with higher leakage inductance. It is important to
keep the voltage spikes lower than the voltage rating of the
flyback switch that drives the SWP pin. Margin must be built
into any design to avoid exceeding this limit if no clamp or
snubber circuit is used to protect the flyback switch.
To estimate the leading voltage spike at the SWP pin when the
switch turns off, use the following equation:
VPEAK = IPEAK × (LLEAK/(CP + CSWP))1/2 + VINP + VOUT1 + VD
where:
VPEAK is the voltage spike amplitude.
IPEAK is the peak current on the flyback switch.
LLEAK is the leakage inductance of the transformer.
CP is the parasitic capacitance of the transformer.
CSWP is the capacitance on the flyback switch.
VINP is the input supply voltage.
VD is the forward voltage drop across the rectifier diode.
A snubber or clamp circuit can protect the flyback switch for
cases where the leakage inductance is too high for application
conditions. Two common types of clamping circuits are the
resistor, capacitor, diode clamp shown in Figure 73 and the diode
Zener diode clamp shown in Figure 74. The resistor, capacitor,
diode clamp quickly dampens the voltage spike and provides
improved EMI performance, and the diode Zener diode clamp
can be used when the clamping level must be consistent and well
defined. The diode Zener diode clamp has slightly higher power
efficiency over the resistor, capacitor, diode clamp. However, the
cost of the diode Zener diode clamp solution is typically higher
than the resistor, capacitor, diode solution.
VOUT1
Tx1
VINP
SWP
D1
1:1
LLEAK
LPRI
RCLAMP CCLAMP
DCLAMP
Figure 73. Resistor, Capacitor, Diode Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com