Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 19 of 37
CH1 10.0mV
Ω
CH2 20.0mA
M10.0µs
A CH3
20.4V
T
700.000ns
B
W
B
W
CH3 10.0V BW
1
2
3
VOUT2
ISW2
VSW2
Figure 46. Buck Regulator Pulse Skipping Operation Showing Inductor
Current 2 (ISW2), Switch Node Voltage, and Output Ripple, TA = 25°C,
VOUT1 = 24 V, VOUT2 = 5.15 V, IOUT2 = 0.3 mA
CH1
20.0mV Ω
CH2 50.0mA
M2.00µs
A CH3
16.0V
T
40.0000ns
B
W
B
W
CH3 10.0V BW
1
2
3
VOUT2
ISW2
VSW2
Figure 47. Buck Regulator Discontinuous Conduction Mode Operation
Showing ISW2, Switch Node Voltage, and Output Ripple, TA = 25°C,
VOUT1 = 21 V, VOUT2 = 5.15 V, IOUT2 = 7 mA
CH1 5.00mA
CH2 500mV
M2.00ms A CH1
4.30mA
T
5.92000ms
B
W
B
W
CH3 10.0V
B
W
1
2
3
VSW2
IOUT2
VOUT2
Figure 48. Buck Regulator Load Transient Response, VOUT1 = 24 V,
VOUT2 = 5.15 V, IOUT2 = 0.3 mA to 7 mA Step, TA = 25°C
CH1
50.0mV Ω
CH2 100mA
M2.00µs
A CH3
3.80V
T
–40.000ns
B
W
B
W
CH3 10.0V BW
1
2
3
VOUT2
ISW2
VSW2
Figure 49. Buck Regulator Discontinuous Conduction Mode Operation
Showing ISW2, Switch Node Voltage, and Output Ripple, TA = 25°C,
VOUT1 = 21 V, VOUT2 = 5.15 V, IOUT2 = 50 mA
CH1
1.00V Ω
CH2 200mA
M200µs A CH2
164mA
T
595.000µs
B
W
B
W
CH3 10.0V BW
1
2
3
VOUT2
VSW2
ISW2
Figure 50. Buck Regulator Short-Circuit Current Limit During Startup,
VOUT1 = 24 V, VOUT2 = SGND2, TA = 25°C
CH1 5.00mA
CH2 500mV
M2.00ms
A CH1
4.30mA
T
5.92000ms
B
W
B
W
CH3 10.0V BW
1
2
3
VSW2
IOUT2
VOUT2
Figure 51. Buck Regulator Load Transient Response, VOUT1 = 21 V,
VOUT2 = 5.15 V, IOUT2 = 0.3 mA to 7 mA Step, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com