Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 7 of 37
REGULATORY INFORMATION
See Table 9 and the Insulation Lifetime section for the recommended maximum working voltages for specific cross isolation waveforms
and insulation levels.
Table 3. Safety Certifications
UL (Pending)
CSA (Pending)
VDE (Pending)
Recognized Under UL 1577
Component Recognition Program
Approved under CSA Component Acceptance Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
2500 V rms Single Protection
CSA 60950-1-07+A1+A2 and IEC 60950-1, second edition,
+A1+A2: basic insulation at 300 V rms (424 VPEAK)
Basic insulation, 565 VPEAK
CSA 61010-1-12 and IEC 61010-1 third edition: basic
insulation at 300 V rms mains, 300 V rms (424 VPEAK) secondary
ELECTROMAGNECTIC COMPATIBILITY
Table 4.
Regulatory Body
Standard
Comment
SGS-CCSR
CISPR11 Class B
Pending
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 5.
Parameter
Symbol
Test Conditions/Comments
Value
Unit
Rated Dielectric Insulation Voltage
1 minute duration
2500
V rms
Minimum External Air Gap (Clearance)
Field Power Domain to Master Domain
Measured from field power pins and pads to master
pins and pads, shortest distance through air
2.15
mm min
Field Power Domain to Slave Domain
Measured from field power pins and pads to slave pins
and pads, shortest distance through air
2.15
mm min
Master Domain to Slave Domain
Measured from master pins and pads to slave pins and
pads, shortest distance through air
2.15
mm min
Minimum External Tracking (Creepage)
Field Power Domain to Master Domain
Measured from field power pins and pads to master
pins and pads, shortest distance path along body
2.15
mm min
Field Power Domain to Slave Domain
Measured from field power pins and pads to slave pins
and pads, shortest distance path along body
2.15
mm min
Master Domain to Slave Domain
Measured from master pins and pads to slave pins and
pads, shortest distance path along body
2.15
mm min
Minimum Internal Gap (Internal Clearance)
Insulation distance through insulation
18
µm min
Tracking Resistance (Comparative Tracking Index)
CTI
DIN IEC 112/VDE 0303, Part 1
>400
V
Material Group
Material group (DIN VDE 0110, 1/89, Table 1)
II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com