Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 15 of 37
0
50
100
150
200
250
0
102030405060
VINP (V)
VOUT1 = 6V
VOUT1 = 15V
VOUT1 = 24V
VOUT1 = 28V
Figure 22. Flyback Regulator Maximum Output Current at Various Output
Voltages, TA = 25°C, Using a Coilcraft ZA9644-AE Transformer and a Zener
Clamp Circuit, Based on Target of 70% ILIM (FLYBACK)
0
20
40
60
80
100
120
140
160
180
0
102030405060
VINP (V)
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 23. Flyback Regulator Maximum Output Current Over Various
Transformers, TA = 25°C, VOUT1 = 24 V, Over Various Input Voltages and a
Zener Clamp Circuit, Based on Target of 70% ILIM (FLYBACK)
CH1 5.00V
CH2 10.0V
M4.00ms
A CH1
3.00V
T
7.96000ms
B
W
CH3 2.00V
CH4 5.00V
B
W
B
W
B
W
1
2
3
4
EN
VOUT1
VOUT2
PWRGD
Figure 24. Power-Up Sequence at EN Rising, TA = 25°C, VINP = 24 V,
VOUT1 = 24 V, IOUT1 = 50 mA, VOUT2 = 3.3 V, IOUT2 = 15 mA
VINP (V)
0
20
40
60
80
100
120
140
160
180
0
1020
3040
5060
–40°C
+25°C
+105°C
Figure 25. Flyback Regulator Maximum Output Current Across Temperature,
VOUT1 = 24 V, Using a Coilcraft ZA9644-AE Transformer and a Zener Clamp
Circuit, Based on Target of 70% ILIM (FLYBACK)
VINP (V)
0
20
40
60
80
100
120
140
160
180
0
102030405060
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 26. Flyback Regulator Maximum Output Current Over Various
Transformers, TA = 105°C, VOUT1 = 24 V, Over Various Input Voltages and a
Zener Clamp Circuit, Based on Target of 70% ILIM (FLYBACK)
CH1 5.00V BW
CH2 10.0V BW
CH4 5.00V BW
CH3 2.00V BW
M4.00ms
A CH1
2.40V
T
12.1000ms
2
1
3
4
EN
VOUT1
VOUT2
PWRGD
Figure 27. Power-Down Sequence at EN Falling, TA = +25°C, VINP = 24 V,
VOUT1 = 24 V, IOUT1 = 50 mA, VOUT2 = 3.3 V, IOUT2 = 15 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com