Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-2-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1032ACPZ-2-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-2-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1032ACPZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP1032ACPZ-2-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 37 of 37
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1
7
8
23
24
30
31
41
1.00
0.95
0.90
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.203 REF
(Pins 8-41)
(Pins 1-7)
2.15
MIN
2.75
BSC
3.75
BSC
2.15
MIN
0.50
BSC
9.10
9.00
8.90
7.70
7.60
7.50
3.88
3.78
3.68
2.14
2.04
1.94
7.10
7.00
6.90
SEATING
PLANE
0.30
0.25
0.20
1.72
1.62
1.52
0.435
0.385
0.335
0.45
0.40
0.35
0.35
0.30
0.25
*EXPOSED
PAD
*EXPOSED
PAD
*EXPOSED
PAD
1.46
1.36
1.26
*FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
Figure 79. 41-Lead Lead Frame Chip Scale Package [LFCSP]
9 mm × 7 mm Body and 0.95 mm Package Height
(CP-41-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
VOUT12
VOUT2
Temperature Range
Package Description
Package Option
ADP1032ACPZ-1-R7
Adjustable
5.15 V
−40°C to +125°C
41-Lead Lead Frame Chip Scale Package [LFCSP]
CP-41-1
ADP1032ACPZ-2-R7
Adjustable
5 V
−40°C to +125°C
41-Lead Lead Frame Chip Scale Package [LFCSP]
CP-41-1
ADP1032ACPZ-3-R7
Adjustable
3.3 V
−40°C to +125°C
41-Lead Lead Frame Chip Scale Package [LFCSP]
CP-41-1
ADP1032ACPZ-4-R7
24 V
5 V
−40°C to +125°C
41-Lead Lead Frame Chip Scale Package [LFCSP]
CP-41-1
ADP1032ACPZ-5-R7
24 V
3.3 V
−40°C to +125°C
41-Lead Lead Frame Chip Scale Package [LFCSP]
CP-41-1
ADP1032CP-1-EVALZ
Adjustable
5.15 V
Evaluation Board for the ADP1032ACPZ-1
ADP1032CP-2-EVALZ
Adjustable
5 V
Evaluation Board for the ADP1032ACPZ-2
ADP1032CP-3-EVALZ
Adjustable
3.3 V
Evaluation Board for the ADP1032ACPZ-3
ADP1032CP-4-EVALZ
24 V
5 V
Evaluation Board for the ADP1032ACPZ-4
ADP1032CP-5-EVALZ
24 V
3.3 V
Evaluation Board for the ADP1032ACPZ-5
1 Z = RoHS Compliant Part.
2 For other VOUT1 voltage options, contact an Analog Devices local sales representatives for additional information.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20363-0-1/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com