Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 4 Page - 3M Electronics

  AF31 Datasheet HTML 1Page - 3M Electronics AF31 Datasheet HTML 2Page - 3M Electronics AF31 Datasheet HTML 3Page - 3M Electronics AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 4 -
4. 3M™ Scotch-Weld™ Structural Adhesive Film AF 31 Overlap Shear on Aluminum Using Varied
Cure Times, Temperatures, and Pressures
The following data shows typical values obtained with Scotch-Weld AF 31 film adhesive in aluminum
overlap bonds. All properties were measured on 1" wide, 1/2" overlap specimens cut from .063" thick 4" x 7"
bonded panels of 2024 T3 clad aluminum. Tests were conducted according to MMM-A-132 methods. All
bonds were formed in a platen press.
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Cure Cycle
Overlap Shear (psi)
Temp.
Time
Pressure
Rise Rate
Test Temperature
(°F)
(°C)
(min.)
(psi)
(°F/min)
-67°F
75°F
180°F
250°F
300°F
350°F
400°F
450°F
500°F
600°F
(-55°C) (24°C) (82°C) (121°C) (149°C) (177°C) (204°C) (232°C) (260°C) (316°C)
350
177
60
150
200
2700
3700
2850
2500
2390
1700
1150
1100
800
250
350
177
10
150
200
2850
4200
2430
1975
350
177
5
150
200
2260
4200
2260
1610
350
177
60
45
200
2675
3740
2050
350
177
60
45
9
2800
3700
2100
1300
350
177
120
100
10
2647
2165
1790
250
121
120
75
10
4285
1225
250
121
24 hrs.
75
10
4375
2090
260
127
120
75
10
4150
1510
260
127
8 hrs.
75
10
4360
2000
325
163
60
20
200
2720
3360
1830
1370
840
350
177
60
20
200
2820
3280
2020
1720
1530
Cure Cycle
Platen
Time at
Time in
Pressure
Test
Overlap Shear
Temp.
Temp.
Press
(psi)
Temp.
(psi)
450°F (232°C)
5 sec.
85 sec.
300
75°F (24°C)
3000
450°F (232°C)
1 min.
140 sec.
300
75°F (24°C)
2900
450°F (232°C)
10 min.
11.25 min.
300
75°F (24°C)
2800
450°F (232°C)
384*
10 sec.
300
75°F (24°C)
2350
450°F (232°C)
412*
15 sec.
350
-40°F (-40°C)
3400
450°F (232°C)
412*
15 sec.
350
75°F (24°C)
3050
450°F (232°C)
412*
15 sec.
350
180°F (82°C)
2400
450°F (232°C)
412*
15 sec.
350
250°F (121°C)
1850
450°F (232°C)
412*
15 sec.
350
350°F (177°C)
1650
450°F (232°C)
412*
15 sec.
350
450°F (232°C)
1240
450°F (232°C)
419*
30 sec.
350
75°F (24°C)
3200
*Maximum bondline temperature attained (°F). Bond line did not attain platen temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com