Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 9 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 9 Page - 3M Electronics

Back Button AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 9 -
11. Shear Strength of 3M™ Scotch-Weld™ Structural Adhesive Film AF 31/3M™ Scotch-Weld™
Structural Adhesive Primer EC-2174 on 410 Stainless Steel
Surface Preparation – Abraded with a Scotch-Brite™ Hand Pad soaked in methyl ethyl ketone – rinsed with
methyl ethyl ketone and air dried.*
Primer Dry – two brush coats – (30 minutes between coats) – air dried overnight.
Cure Cycle – 350°F (177°C) for 60 minutes, 50 psi, 10°F rise rate/minute.
*Note: When using solvents, extinguish all ignition sources and follow manufacturer’s precautions and
directions for use.
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Scotch-Weld AF 31/Scotch-Weld EC-2174
75°F (24°C)
300°F (149°C)
Overlap Shear Strength
4365 psi
2230 psi
12. Scotch-Weld AF 31 Film Adhesive Outgassing
The outgassing data at 10-6 torr was obtained on Scotch-Weld AF 31 film adhesive which had been cured
for 60 minutes at 350°F (177°C). The total weight loss and volatiles condensed were measured using
SP-R-0022A procedures.
Total Weight Loss
= 2.34%
Volatile Condensible Material = 0.33%
Coefficient of
Thermal Expansion
Below 35°F (2°C)
550 x 10-7 per °F
Above 35°F (2°C)
1360 x 10-7 per °F
13. Scotch-Weld AF 31 Film Adhesive Coefficient of Thermal Expansion
The coefficient of thermal expansion was obtained on Scotch-Weld AF 31 film adhesive cured at 350°F
(177°C) for 60 minutes under 100 psi with a rise rate to cure temperature of 200°F (93°C) per minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com