Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 5 Page - 3M Electronics

  AF31 Datasheet HTML 1Page - 3M Electronics AF31 Datasheet HTML 2Page - 3M Electronics AF31 Datasheet HTML 3Page - 3M Electronics AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 5 -
5. Environmental Aging of 3M™ Scotch-Weld™ Structural Adhesive Film AF 31 Using a 350°F (177°C)
Cure for 120 Minutes, 100 psi, 10°F rise rate/minute.
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (psi)
-67°F
75°F
200°F
300°F
350°F
400°F
450°F
500°F
600°F
Environment
(-55°C)
(24°C)
(93°C)
(149°C) (177°C) (204°C) (232°C) (260°C) (300°C)
Control
3500
3700
2390
1700
1150
1100
800
250
Air @ 300°F (149°C) for 222 hours
4750
4200
2540
2510
1960
320
Air @ 350°F (177°C) for 216 hours
1578
1130
Air @ 450°F (232°C) for 100 hours
2600
1920
1430
Air @ 450°F (232°C) for 200 hours
2250
1560
1470
Air @ 500°F (260°C) for 192 hours
1600
1440
1080
1060
1Air @ 400°F (204°C) for 1 hour
2840
2300
1930
2Air @ 450°F (232°C) for 10 hours
2350
3590
2450
1910
Salt Spray @ 95°F (23°C) for 30 days
3950
Tap Water @ 75°F (24°C) for 30 days
3790
Anti-Icing @ 75°F (24°C) for 7 days
3720
(MIL-F-5566)
Hydraulic Oil @ 75°F (24°C) for 7 days
3790
(MIL-O-5606)
Type III Hydrocarbon @ 75°F (24°C)
3750
for 7 days (MIL-H-3136)
JP-4 @ 75°F (24°C) for 7 days
3970
(MIL-F-5624)
JP-4 @ 140°F (60°C) for 7 days
3740
(
MIL-F-5624)
60% H2O – 40% Methyl Alcohol by
volume, plus 1% soluble oil:
@ 170°F (79°C) for 7 days
32430
@ 170°F (79°C) for 30 days
32246
60% H2O – 40% Ethylene Glycol by
volume, plus 1% soluble oil:
@ 200°F (93°C) for 7 days
32450
@ 200°F (93°C) for 30 days
32430
99% H2O – 1% soluble oil:
@ 200°F (93°C) for 7 days
32220
@ 200°F (93°C) for 30 days
32210
1Cure Cycle – 350°F (177°C), 2 hours, 150 psi – 10°F/min. rise rate.
2Cure Cycle – 350°F (177°C), 60 min., 45 psi – 9°F/min. rise rate.
3Specimens cut to one inch width prior to immersion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com