Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 2 Page - 3M Electronics

  AF31 Datasheet HTML 1Page - 3M Electronics AF31 Datasheet HTML 2Page - 3M Electronics AF31 Datasheet HTML 3Page - 3M Electronics AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 2 -
1. 3M™ Scotch-Weld™ Structural Adhesive Film AF 31/3M™ Scotch-Weld™ Structural Adhesive
Primer EC-2174 Overlap Shear on Stainless Steel
The following product performance data has been obtained in the 3M Laboratory under the conditions
specified. All data reported in this section except as noted, were developed under a cure cycle using 100 psi
bonding pressure applied by a platen press. A 10°F/minute bond line temperature rise from 80°F to 350°F
(27°C to 177°C) with 120 minutes ± 1 minute at 350°F (177°C) ± 2°F was used. The panels were then
removed from the press and post cured for 20 hours at 500°F (260°C). The primer was air dried 30 minutes
plus force dried 30 minutes at 200°F-250°F (93°C-121°C). All properties were measured on pre-slotted, .050"
thick, 17-7PH-TH 1050 stainless steel panels. The properties were measured on 1" wide by 1/2" overlap
specimens. Tests were conducted according to MMM-A-132 Types III & IV methods.
Product Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Test Condition
Scotch-Weld AF 31/
Scotch-Weld EC-2174
A. Tensile Shear
1. Standard Temperature 75°F ± 5°F (24°C ± 2°C)
6166 psi
2. 10 minutes at 300°F ± 5°F (149°C ± 2°C)
2828 psi
3. 192 hours at 300°F ± 5°F (149°C ± 2°C)
3166 psi
4. 10 minutes at 500°F ± 5°F (260°C ± 2°C)
1983 psi
5. 192 hours at 500°F ± 5°F (260°C ± 2°C)
2268 psi
6. 10 minutes at -67°F ± 5°F (-55°C ± 2°C)
6012 psi
7. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 30 days Salt Spray
5693 psi
Exposure at 95°F (35°C)
8. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 30 days at 120°F (49°C)
5635 psi
and 90-100% relative humidity
9. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 30 days Tap Water
5764 psi
Immersion at 75°F (24°C)
10. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 7 days Immersion in
5912 psi
Anti-icing Fluid (MIL-F-5566) at 75°F (24°C)
11. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 7 days Immersion in
5867 psi
Hydraulic Oil (MIL-H-5606) at 75°F (24°C)
12. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 7 days Immersion in
5722 psi
JP4 Fuel (MIL-J-5624) at 75°F (24°C)
13. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 7 days Immersion in
6042 psi
in Hydrocarbon Fluid (MIL-S-3136) at 75°F (24°C)
B. Creep Rupture
14. Standard Temperature 75°F ± 5°F (24°C ± 2°C) after 192 hours at 1600 psi
0.0000 inches
15. 300°F ± 5°F (149°C ± 2°C) after 192 hours at 800 psi
0.0000 inches
16. 500°F ± 5°F (260°C ± 2°C) after 192 hours at 800 psi
0.0017 inches
C. Fatigue Strength
17. Standard Temperature 75°F ± 5°F (24°C ± 2°C) at 750 psi for 106 + cycles
No failures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com