Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 11 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 11 Page - 3M Electronics

Back Button AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics AF31 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 11 -
Note: Prior to using or handling chemicals or solutions listed below, read and follow
supplier’s environmental, health and safety information.
Proper adhesive application is as important as proper bond design and adhesive choice to
obtain maximum joint properties. Improper adhesive application techniques can result in
partial or complete failure of an assembly.
A thoroughly cleaned, dry, grease-free surface is essential for maximum performance.
Cleaning methods which will produce a break-free water film on metal surfaces are
generally satisfactory. Surface preparations should be fully evaluated with the adhesive,
especially if resistance to specific environments are anticipated.
1. Surface Preparations
A. Suggested Surface Preparation for Aluminum
1. Vapor Degrease – Perchloroethylene condensing vapors for 5-10 minutes.
2. Alkaline Degrease – Oakite 164 solution (9-11 oz./gallon water) at 190°F ±
10°F (88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities
of cold running water.
3. Acid Etch – Place panels in the following solution for 10 minutes at 150°F ± 5°F
(66°C ± 2°C).
Sodium Dichromate (Na2Cr2O72H2O)
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66° Be
38.5 - 41.5 oz./gallon
2024-T3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap Water as needed to balance
4. Rinse – Rinse panels in clear running tap water.
5. Dry – Air dry 15 minutes; force dry 10 minutes at 150°F ± 10°F (66°C ± 5°C).
6. If primer is to be used, it should be applied within four hours after surface
preparation.
B. Suggested Surface Preparation for Stainless Steel (17-7PH-TH [1050])
1. Vapor Hone – #120 AI2O3 grit.
2. Vapor Degrease – Perchloroethylene condensing vapors for 5-10 minutes..
3. Acid Etch – Place panels in the following solution for two minutes at 145°F ±
5°F (62°C ± 2°C).
59.9 grams, M.F. Acid (Wyandotte) 170 mls Commercial Concentrated Nitric
Acid. The balance of one liter of distilled or ion-free water.
4. Rinse – Rinse immediately in cold running tap water. Remove smut with
distilled water-air spray under 90 psi pressure.
5. Acid Etch – Place panels in the following solution at 160°F ± 5°F (71°C ± 2°C).
30 parts by wt. Distilled or Ion-free Water
10 parts by wt. Concentrated Sulfuric Acid
4 parts by wt. Sodium Dichromate
6. Rinse – Rinse in cold tap water. Remove smut with a distilled water-air spray
under 90 psi pressure.
7. Dry – Air dry 15 minutes; force dry 10 minutes at 150°F ± 10°F (66°C ± 5°C).
8. If primer is to be used, it should be applied within one hour after surface
preparation.
Product Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com