Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 13 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 13 Page - 3M Electronics

Back Button AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics AF31 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 13 -
3. Cure Cycle
A. General Cure Requirements
The cure requirements for 3M™ Scotch-Weld™ Structural Adhesive Film AF 31
are a function of Scotch-Weld AF 31 film adhesive properties, specific application,
equipment available, production limitations and bond properties required. General
cure properties of Scotch-Weld AF 31 film adhesive are as follows:
Tack, Flow, Cure Initiation Temperatures
The tack, flow and cure initiation temperatures for Scotch-Weld film adhesive
AF 31 are a time-temperature relationship and depend upon the rate of heat input.
Normally, Scotch-Weld AF 31 film adhesive will have the following properties:
Tack Temperature:
160°F-180°F (71°C-82°C)
Flow Temperature:
180°F-220°F (82°C-103°C)
Cure Initiation Temp.:
220°F-270°F (104°C-132°C)
B. Cure Pressure
Pressure is required during cure to form the part being bonded and contain any
volatiles given off by the adhesive. Cure pressure may be applied in any manner
which will insure uniform constant pressure throughout the bond area. Pressure
must be uniformly applied before the curing reaction begins and maintained until a
complete cure has been effected. The pressure required to contain volatiles is
dependent on the rate at which bond line temperature is brought to the cure
temperature. The bond line temperature rise rate for Scotch-Weld AF 31 film
adhesive can be varied from 1°F to 300°F/minute. Rise rate (and cure pressure
required) will depend on specific application, cure temperature, bonding equipment,
method of heat application, production limitations and bond properties required.
Figure I, Page 5, depicts typical pressures required for various bond-line temperature
rise rates in platen presses.
C. Cure Temperature
The cure temperature may be varied from 250°F (121°C) to 450°F (232°C),
depending upon the materials bonded, equipment available and bond properties
desired. The desired pressure must be applied before the glue line reaches 160°F
(71°C). The film will soften as temperature is increased to 180-210°F (82-99°C) and
will wet the surface to which it has been applied. A chemical cure will be initiated
between 220-270°F (104-132°C) and a low strength gel formed. Continued heating
chemically converts the adhesive into a high strength, solvent-resistant bond.
Scotch-Weld AF 31 film adhesive will change color only slightly upon application
of heat. Edges of the bond that are exposed to air will change from yellow to rusty
brown.
D. Cure Time
Cure time depends on the cure temperature used, methods of heat application,
production limitations and bond properties required. Since no two bonding
operations are exactly alike, it is suggested that a few simple experiments be
conducted, varying both temperature and cure time to determine optimum
conditions for the particular application. Figure 2, Page 14, is a guide from which an
approximate cure cycle can be taken for various cure times or temperatures.
Product Application
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com