Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 8 Page - 3M Electronics

Back Button AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 8 -
9.
Environmental Aging of 3M™ Scotch-Weld™ Structural Adhesive Film AF 31 on Steel
The following data shows typical values obtained with Scotch-Weld AF 31 film adhesive in steel overlap
bonds. All properties were measured on 1" wide, 1/2" overlap specimens cut from .035" thick 4" x 8"
bonded panels of 1020 cold rolled steel. The 1020 steel was cleaned with toluene solvent. Tests were
conducted according to MMM-A-132 methods.
A. Original Properties
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (psi)
-40°F
75°F
250°F
350°F
450°F
(-40°C)
(24°C)
(121°C)
(177°C)
(232°C)
Cure Cycle A
350°F (177°C), 60 min., 150 psi, 200°F (93°C)
2600
2195
1800
1720
660
per minute rise rate to cure temperature.
Cure Cycle B
450°F (232°C) press temp., 350 psi,
250
2510
1520
1400
480
15 seconds in the press, maximum bond line
temperature attained 412°F (212°C).
B. Environmental Aging Properties (Specimens cut to 1" width prior to immersion)
75°F (24°C) Overlap Shear (psi)
Environment
Cure Cycle A
Cure Cycle B
Control
2195
2510
100% RH @ 100°F (38°C) for 7 days
1910
2530
120°F (49°C) Tap Water for 7 days
1650
1530
75°F (24°C) Gasoline for 7 days
2090
2530
75°F (24°C) Methanol for 7 days
2020
2410
95°F (35°C) Salt Spray for 7 days
1760
2810
10. Effect of Overlap Length on Scotch-Weld AF 31 Film Adhesive Shear Strength
The effect of overlap length on shear strength of Scotch-Weld AF 31 film adhesive was determined on 1"
wide specimens of varying length overlap, cut from .063" thick bonded panels of 2024 T3 clad aluminum.
The cure cycle used was 350°F (177°C), 60 minutes, 150 psi, 200°F (93°C)/min. rise rate.
Length of
Actual
Overlap
Load (lbs.)
psi
1/4"
1425
5700
3/8"
1740
4640
1/2"
2000
4000
3/4"
2500
3340
1"
2900
2400
11/2"
3230
2150
2"
3270
1634
3"
3600
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com