Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 12 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 12 Page - 3M Electronics

Back Button AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics AF31 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 12 -
C. Suggested Surface Preparation for Titanium
1. Use Scotch-Brite™ Hand Pad to remove all lettering.
2. Clean in Oakite 164 for 10 minutes at 190°F (88°C). Water break necessary.
3. Etch in acid solution for 5 to 7 minutes at 120-135°F (49-57°C).
Acid make-up (to make approximately one gallon)
Distilled Water
2.36 Liters
HNO3(70%)
1.29 Liters
HF (48%)
.13 Liters
4. Rinse in distilled water.
5. Soak in Phosphate-fluoride bath for 60-90 seconds at 90°F (32°C).
Bath make-up (to make approximately one gallon)
NA3 PO412H2O
162 grams
Potassium Fluoride
41.7 grams
Hydrofluoric Acid (48%)
0.113 liters
Distilled Water
3.57 liters
6. Rinse in distilled water at 180°F (82°C) for 15 minutes. Rinse three times in
solution.
7. Rinse in distilled water.
8. Air dry at 190°F (88°C) for 20 minutes.
2. Adhesive Layup
A. Primer Application
1. Advantages
Priming of bonding surfaces offers two distinct advantages: (1) ensures complete
wetting of metal surfaces, which normally results in superior environmental
properties and (2) simplifies production by protecting cleaned parts until
bonding can be completed. 3M™ Scotch-Weld™ Structural Adhesive Primer
EC-2174 is recommended to use with 3M™ Scotch-Weld™ Structural Adhesive
Film AF 31.
2. Application
Scotch-Weld EC-2174 primer may be applied by brushing or flow coating using
one or two coats. A camel hair, horsehair or similar type brush is recommended.
Dried primer thickness should be 0.0002-0.0006 inches.
3. Primer Dry
a. Air dry for 60 minutes minimum at 75°F ± 5°F (24°C ± 2°C).
b. Force dry in an air circulating oven for 60 minutes at 265°F (129°C).
B. Film Application
1. Cut portion of film to be used from roll with protective liner in place.
2. Place film on metal using a separating liner as a protective cover.
3. Roll film into position with a rubber roller, ensuring that no air is trapped
between primer and film.
4. Remove protective liner.
5. Assemble parts and cure.
Excess primer and equipment may be cleaned prior to curing, with ketone*
type solvent.
*Note: When using solvents, extinguish all ignition sources and follow
manufacturer’s precautions and directions for use.
Product Application
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com