Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF31 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 7 Page - 3M Electronics

Back Button AF31 Datasheet HTML 3Page - 3M Electronics AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
Environmental Aging of 3M™ Scotch-Weld™ Structural Adhesive Film AF 31 on Aluminum Using
Short Time Cure Cycle (Specimens Cut to 1" Width Prior To Immersion)
Cure Cycle – 15 seconds in a 450°F (232°C) platen press, 350 psi, maximum bond line temperature attained
412°F (210°C).
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (psi)
Environment
-40°F (-40°C)
75°F (24°C)
180°F (82°C)
250°F (121°C)
350°F (177°C)
Control
3400
3050
2400
1850
1650
100% R.H. @ 100°F (38°C)
7 Days
3450
3000
2400
1800
1400
14 Days
3400
3200
2600
1800
1700
30 Days
3950
3300
2400
1900
1500
60 Days
3950
3400
2400
1800
1000
1/2 Year
4300
3900
2000
1800
1300
1 Year
4300
3300
2000
1900
1200
Tap Water @ 120°F (49°C)
7 Days
3450
2800
2600
1600
1400
14 Days
3800
3200
2500
1900
1600
30 Days
3950
3200
2400
1700
1500
60 Days
3800
3200
2450
1600
1100
1/2 Year
3800
3750
2200
2200
1300
1 Year
3300
2250
2200
1800
900
Gasoline @ 75°F (24°C)
7 Days
3800
3100
2400
1600
1450
14 Days
3800
3100
2200
1350
1350
30 Days
3800
3100
2350
1550
1400
60 Days
3800
3150
2400
1550
1350
1/2 Year
3400
3200
2600
2050
1300
1 Year
3000
2850
2400
1550
1150
Methanol @ 75°F (24°C)
7 Days
3950
3200
2350
2100
1250
14 Days
3250
3350
2050
2000
1600
30 Days
3800
2800
2250
1900
1250
60 Days
3750
3000
1950
1000
750
1/2 Year
3800
2500
1600
1000
600
1 Year
4050
2700
2400
1250
900
Salt Spray @ 75°F (24°C)
7 Days
3700
2950
1900
1750
1400
14 Days
3800
3250
1900
2000
1600
30 Days
4300
3300
2300
1700
1550
60 Days
4000
2950
2100
1800
1000
1/2 Year
3200
3100
1750
2000
1050
- 7 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com