Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 27 of 38
When using an external clock, the self test execution times may
vary from the 12 ms listed in Table 1. In addition, false positive
results are possible when executing the ODST while the device
is in motion.
Bias Correction Update
Select Page 3 (DIN = 0x8003) and set GLOB_CMD, Bit 0 = 1
(DIN = 0x8201, then DIN = 0x8300) to update the user offset
registers with the correction factors of the continuous bias
estimator (CBE). Ensure that the inertial platform is stable during
the entire average time for optimal bias estimates.
Auxiliary Input and Output Line Configuration,
FNCTIO_CTRL
The FNCTIO_CTRL register (see Table 142 and Table 143)
provides configuration control for each input and output pin
(DIO1, DIO2, DIO3, and DIO4). Each DIOx pin supports only
one function at a time. In cases where a single pin has two
assignments, the enable bit for the lower priority function
automatically resets to zero (disabling the lower priority function).
The order of priority is as follows, from highest priority to lowest
priority: data ready, sync clock input, alarm indicator, and
general-purpose. Changing the FNCTIO_CTRL, Bits[5:4] bit
settings requires an execution time of 75 ms, whereas changing
the settings of the remaining bits in the FNCTIO_CTRL register
only takes 3 ms. During this execution time (75 ms or 3 ms),
the operational state and the contents of the register remain
unchanged. However, the SPI interface supports normal
communication (for accessing other registers).
Table 142. FNCTIO_CTRL Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x06, 0x07
0x000D
R/W
Yes
Table 143. FNCTIO_CTRL Bit Definitions
Bits
Description (Default = 0x000D)
[15:12]
Not used
11
Alarm indicator: 1 = enabled, 0 = disabled
10
Alarm indicator polarity: 1 = positive, 0 = negative
[9:8]
Alarm indicator line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
7
Sync clock input enable: 1 = enabled, 0 = disabled
6
Sync clock input polarity:
1 = rising edge, 0 = falling edge
[5:4]
Sync clock input line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
3
Data ready enable: 1 = enabled, 0 = disabled
2
Data ready polarity: 1 = positive, 0 = negative
[1:0]
Data ready line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
Data Ready Indicator
FNCTIO_CTRL, Bits[3:0] provide three configuration options for
the data ready function: on and off, polarity, and which DIOx
pin is used. The primary purpose of this signal is to drive the
interrupt control line of an embedded processor to synchronize
data collection and minimize latency. The factory default assigns
the DIO2 pin as a positive polarity, data ready signal. This
means that the data in the output registers is valid when the
DIO2 line is high (see Figure 28). This configuration is intended
when the DIO2 pin drives an interrupt service pin that activates
on a low to high pulse.
DIO2
ACTIVE
INACTIVE
Figure 28. Data Ready, when FNCTIO_CTRL, Bits[3:0] = 1101 (Default)
Use the following sequence to change this assignment to the
DIO1 pin with a negative polarity:
1. Select Page 3 (DIN = 0x8003).
2. Set FNCTIO_CTRL, Bits[3:0] = 1000 (DIN = 0x8608, then
DIN = 0x8700).
The period of the data ready signal can vary by up to ±2%.
Input Sync and Clock Control
FNCTIO_CTRL, Bits[7:4] provide configuration options for
using one of the DIOx pins as an input synchronization signal for
sampling inertial sensor data. For example, use the following
sequence to establish the DIO4 pin as a positive polarity, input
clock pin, and to keep the factory default setting for the data ready
function:
1. Select Page 3 (DIN = 0x8003).
2. Set FNCTIO_CTRL, Bits[7:0] = 0xFD (DIN = 0x86FD).
3. Set FNCTIO_CTRL, Bits[15:8] = 0x00 (DIN = 0x8700).
Note that this command also disables the internal sampling
clock. Therefore, data sampling does not occur if an input clock
signal is not present. Use an input clock frequency of 2400 Hz
for the best performance.
Alarm Indicator
FNCTIO_CTRL, Bits[11:8] provide three configuration options
for using one of the DIOx pins as an alarm indicator: on and off,
polarity, and the DIOx pin. The primary purpose of this signal
is to provide an output signal that activates when a bit in the
SYS_E_FLAG register = 1 (see Table 20). For example, use the
following sequence to establish the DIO3 pin as a negative-polarity,
alarm indicator, while preserving the factory default setting for the
data ready function:
1. Select Page 3 (DIN = 0x8003).
2. Set FNCTIO_CTRL, Bits[7:0] = 0x0D (DIN = 0x860D).
3. Set FNCTIO_CTRL, Bits[15:8] = 0x0A (DIN = 0x870A).
General-Purpose Input and Output Control, GPIO_CTRL
Table 144. GPIO_CTRL Register Definition1
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x08, 0x09
0x00X0
R/W
Yes
1
GPIO_CTRL, Bits[7:4] reflect the logic levels on the DIOx pins and do not have
a default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com