Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 32 of 38
Y-Axis Accelerometer Alarm, YA_ALM_MAGN
The YA_ALM_MAGN register (see Table 170 and Table 171)
contains the alarm threshold for the y-axis accelerometer when
ALM_CNFG_1, Bit 3 = 1 (see Table 161). This alarm is associated
with the alarm flag in ALM_STS, Bit 4 (see Table 24).
Table 170. YA_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x30, 0x31
0x0000
R/W
Yes
Table 171. YA_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer alarm threshold settings, twos
complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Z-Axis Accelerometer Alarm, ZA_ALM_MAGN
The ZA_ALM_MAGN register (see Table 172 and Table 173)
contains the alarm threshold for the z-axis accelerometer when
ALM_CNFG_1, Bit 7 = 1 (see Table 161). This alarm is associated
with the alarm flag in ALM_STS, Bit 5 (see Table 24).
Table 172. ZA_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x32, 0x33
0x0000
R/W
Yes
Table 173. ZA_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer alarm threshold settings, twos
complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Firmware Revision, FIRM_REV
The FIRM_REV register (see Table 174 and Table 175) provides
the firmware revision for the internal firmware. This register
uses a binary coded decimal (BCD) format, where each nibble
represents a digit. For example, if FIRM_REV = 0x1234, the
firmware revision is 12.34.
Table 174. FIRM_REV Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x78, 0x79
Not applicable
R
Yes
Table 175. FIRM_REV Bit Definitions
Bits
Description (No Default)
[15:12]
Firmware revision BCD code, tens digit, numerical
format = 4-bit binary, range = 0 to 9
[11:8]
Firmware revision BCD code, ones digit, numerical
format = 4-bit binary, range = 0 to 9
[7:4]
Firmware revision BCD code, tenths digit, numerical
format = 4-bit binary, range = 0 to 9
[3:0]
Firmware revision BCD code, hundredths digit,
numerical format = 4-bit binary, range = 0 to 9
Firmware Revision Day and Month, FIRM_DM
The FIRM_DM register (see Table 176 and Table 177) contains the
month and day of the factory configuration date. FIRM_DM,
Bits[15:12] and FIRM_DM, Bits[11:8] contain digits that represent
the month of the factory configuration in a BCD format. For
example, November is the 11th month in a year and is represented
by FIRM_DM, Bits[15:8] = 0x11. FIRM_DM, Bits[7:4] and
FIRM_DM, Bits[3:0] contain digits that represent the day of
factory configuration in a BCD format. For example, the 27th day
of the month is represented by FIRM_DM, Bits[7:0] = 0x27.
Table 176. FIRM_DM Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x7A, 0x7B
Not applicable
R
Yes
Table 177. FIRM_DM Bit Definitions
Bits
Description (No Default)
[15:12]
Factory configuration month BCD code, tens digit,
numerical format = 4-bit binary, range = 0 to 2
[11:8]
Factory configuration month BCD code, ones digit,
numerical format = 4-bit binary, range = 0 to 9
[7:4]
Factory configuration day BCD code, tens digit,
numerical format = 4-bit binary, range = 0 to 3
[3:0]
Factory configuration day BCD code, ones digit,
numerical format = 4-bit binary, range = 0 to 9
Firmware Revision Year, FIRM_Y
The FIRM_Y register (see Table 178 and Table 179) contains
the year of the factory configuration date. For example, the
year, 2013, is represented by FIRM_Y = 0x2013.
Table 178. FIRM_Y Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x7C, 0x7D
Not applicable
R
Yes
Table 179. FIRM_Y Bit Definitions
Bits
Description (No Default)
[15:12]
Factory configuration year BCD code, thousands digit,
numerical format = 4-bit binary, range = 0 to 9
[11:8]
Factory configuration year BCD code, hundreds digit,
numerical format = 4-bit binary, range = 0 to 9
[7:4]
Factory configuration year BCD code, tens digit,
numerical format = 4-bit binary, range = 0 to 3
[3:0]
Factory configuration year BCD code, ones digit,
numerical format = 4-bit binary, range = 0 to 9
Boot Revision Number, BOOT_REV
Table 180. BOOT_REV Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x7E, 0x7F
Not applicable
R
Yes
Table 181. BOOT_REV Bit Definitions
Bits
Description (No Default)
[15:8]
Binary, major revision number
[7:0]
Binary, minor revision number
Continuous SRAM Testing
This device employs a CRC function on the SRAM memory blocks
that contain the program code (CODE_SIGTR_xxx) and the
calibration coefficients (CAL_DRVTN_xxx). This process operates
in the background and generates real-time 32-bit CRC values for
the program code and calibration coefficients, respectively. At
the conclusion of each cycle, the processor writes these calculated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com