Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 37 of 38
EVALUATION TOOLS
Breakout Board, ADIS16IMU1/PCBZ
The ADIS16IMU1/PCBZ (sold separately) provides a breakout
board function for the ADIS16486, providing access to the
ADIS16486 through larger connectors that support standard
1 mm ribbon cabling. This breakout board also provides four
mounting holes for attaching the ADIS16486 to the breakout
board. See the Ordering Guide for ordering details.
PC-Based Evaluation, EVAL-ADIS2
The EVAL-ADIS2 provides the system support PC-based
evaluation of the ADIS16486.
POWER SUPPLY CONSIDERATIONS
The VDD power supply must charge 24 µF of capacitance (inside
of the ADIS16486, across the VDD pins and GND pins) during
the initial ramp and settling process of the power supply. When
VDD reaches 2.85 V, the ADIS16486 begins its internal start-up
process, which generates additional transient current demand.
See Figure 34 for a typical current profile during the start-up
process. The first peak in Figure 34 relates to charging the 24 µF
capacitor bank, whereas the second peak (~360 ms after the first
peak) relates to the initialization process of the ADIS16486. See
Figure 35 for a close view of the current profile associated with
the second peak in Figure 34.
CH1 2.00V
CH4 100mA Ω
100ms/DIV
1
4
T
VDD
CURRENT
Figure 34. Transient Current Demand, Startup
CH4 100mA Ω
1ms/DIV
4
T
CURRENT
Figure 35. Transient Current Demand, Peak Demand
X-RAY SENSITIVITY
Exposure to high dose rate X-rays, such as those in production
systems that inspect solder joints in electronic assemblies, can
affect accelerometer bias errors. For optimal performance,
avoid exposing the ADIS16486 to this type of inspection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com