Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 36 of 38
APPLICATIONS INFORMATION
MOUNTING BEST PRACTICES
For the best performance, follow these rules when installing the
ADIS16486 into a system:
•
Eliminate the opportunity for translational force (x-axis
and y-axis direction, per Figure 18) application on the
electrical connector.
•
Isolate the mounting force to the four corners on the
portion of the package surface that surrounds the
mounting holes.
•
Use uniform mounting forces on all four corners. The
suggested torque setting is 40 inch ounces (0.285 Nm).
These three rules help prevent irregular force profiles that can
warp the package and introduce bias errors in the sensors.
Figure 33 provides an example that leverages washers to set the
package off the mounting surface and uses 2.85 mm passthrough
holes and backside washers and nuts for attachment. Figure 31
and Figure 32 provide details for mounting hole and connector
alignment pin drill locations.
For more information on mounting the ADIS16486, see the
AN-1295 Application Note.
DEVICE
OUTLINE
19.800 BSC
39.600 BSC
5 BSC
5 BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
2. IN THIS CONFIGURATION, THE CONNECTOR IS FACING DOWN AND
ITS PINS ARE NOT VISIBLE.
0.560 BSC 2×
ALIGNMENT HOLES
PASSTHROUGH HOLE
FOR MOUNTING SCREWS
DIAMETER OF THE HOLE
MUST ACCOMODATE
DIMENSIONAL TOLERANCE
BETWEEN THE CONNECTOR
AND HOLES.
FOR MATING SOCKET
Figure 31. Suggested PCB Layout Pattern, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00]
0.1800
[4.57]
NONPLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NONPLATED THRU HOLE
Figure 32. Suggested Layout and Mechanical Design When Using
Samtec CLM-112-02-G-D-A for the Mating Connector
MOUNTING SCREWS
M2 × 0.4mm, 4×
WASHERS (OPTIONAL)
M2, 4×
ADIS16486
WASHERS (OPTIONAL)
M2, 4×
NUTS
M2 × 0.4mm, 4×
MATING CONNECTOR
CLM-112-02
PCB
PASS-THROUGH HOLES
DIAMETER
≥ 2.85mm
SPACERS/WASHERS
SUGGESTED, 4×
Figure 33. Mounting Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com