Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 29 of 38
Continuous Bias Estimation, NULL_CNFG
The NULL_CNFG register (see Table 150 and Table 151) provides
the configuration controls for the CBE, which is associated with
the bias correction update command in GLOB_CMD, Bit 0 (see
Table 141). NULL_CNFG, Bits[3:0] establishes the total average
time (tA) for the bias estimates, and NULL_CNFG, Bits[13:8]
provides on and off controls for each sensor. The factory
default configuration for the NULL_CNFG register enables the
bias null command for the gyroscopes, disables the bias null
command for the accelerometers, and sets the average time to
~26.64 sec. This calculation assumes that the internal sample
clock (fS = 2460 SPS) is used. If the user supplies an external
clock by setting Bit 7 to 1 of the FNCTIO_CRTL register (see
Table 142 and Table 143), fS is the inertial measurement unit
(IMU) sample rate before decimation.
Table 150. NULL_CNFG Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x0E, 0x0F
0x070A
R/W
Yes
Table 151. NULL_CNFG Bit Definitions
Bits
Description (Default = 0x070A)
[15:14]
Not used.
13
Z-axis acceleration bias correction enable (1 = enabled).
12
Y-axis acceleration bias correction enable (1 = enabled).
11
X-axis acceleration bias correction enable (1 = enabled).
10
Z-axis gyroscope bias correction enable (1 = enabled).
9
Y-axis gyroscope bias correction enable (1 = enabled).
8
X-axis gyroscope bias correction enable (1 = enabled).
[7:4]
Not used.
[3:0]
Time base control (TBC), range is 0 to 13 (default = 10),
and time base (tB) = 2TBC/fS, where fS is the IMU sample
rate before decimation and is 2460 SPS if the factory
default internal clock is used. The tA required for
autonull = 64 × tB.
When a sensor bit in the NULL_CNFG register is active (equal
to 1), setting GLOB_CMD, Bit 0 = 1 (DIN sequence: 0x8003,
0x8201, 0x8300) causes the corresponding bias correction register
to automatically update with a value that corrects for its present
bias error (from the CBE). For example, setting NULL_CNFG,
Bit 8 = 1 causes an update in the XG_BIAS_LOW (see Table 105)
and XG_BIAS_HIGH (see Table 107) registers.
Power Management, SLP_CNT
The SLP_CNT register (see Table 152 and Table 153) provides
controls for both power-down mode and sleep mode. The trade-
off between power-down mode and sleep mode is idle power
and recovery time. Power-down mode offers the best power
consumption but requires the most time to recover. In addition, all
volatile settings are lost during power-down, whereas sleep
mode preserves these settings.
Table 152. SLP_CNT Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x10, 0x11
Not applicable
R/W
No
Table 153. SLP_CNT Bit Definitions
Bits
Description (No Default)
[15:10]
Not used
9
Power-down mode
8
Normal sleep mode
[7:0]
Programmable time bits, 1 sec/LSB, 0x00 = indefinite
To initiate sleep mode for a specific period, select Page 3 (DIN =
0x8003), write the amount of sleep time to SLP_CNT, Bits[7:0],
and set SLP_CNT, Bit 8 = 1 (DIN = 0x9101). Sleep mode begins
when the CS line goes high after setting SLP_CNT, Bit 8 = 1. Use
the following sequence to place the ADIS16486 into sleep mode
for 100 sec:
1. Select Page 3 (DIN = 0x8003).
2. Set SLP_CNT, Bits[7:0] = 0x64 (DIN = 0x9064), 100 sec
sleep time.
3. Set SLP_CNT, Bit 8 = 1 (DIN = 0x9101), start sleep mode.
To initiate an indefinite sleep mode, set SLP_CNT, Bits[7:0] = 0x00
(DIN = 0x9000), and then set SLP_CNT, Bit 8 = 1 (DIN = 0x9101).
To initiate a power-down period of 100 sec, use the sequence
for placing the ADIS16486 into sleep mode for 100 sec with one
exception: set SLP_CNT, Bit 9 = 1 (DIN = 0x9102) instead of
setting SLP_CNT, Bit 8 = 1 (DIN = 0x9101). To initiate an
indefinite power-down, set SLP_CNT, Bits[7:0] = 0x00 first,
and then set SLP_CNT, Bit 9 = 1 (DIN = 0x9102).
To wake the device from sleep or power-down mode, use one of
the following options to restore normal operation:
•
Assert CS from high to low.
•
Pulse RST low, and then high again.
•
Cycle the power.
If the sleep mode and power-down mode bits are both set to
high, the normal sleep mode bit (SLP_CNT, Bit 8) takes
precedence.
FIR Filter Control, FILTR_BNK_0, FILTR_BNK_1
The FILTR_BNK_0 (see Table 154 and Table 155) and FILTR_
BNK_1 (see Table 156 and Table 157) registers provide the
configuration controls for the FIR filter bank in the signal chain
of each sensor (see Figure 24). These registers provide on and
off control for the FIR bank for each inertial sensor, along with
the FIR bank (A, B, C, D) that each sensor uses.
Write commands to the FILTR_BNK_0 and FILTR_BNK_1
registers, which enable or configure the FIR filters and take up
to 101 µs to fully process. During this execution time, the SPI
interface supports normal operation, and the register values
update at the conclusion of the update process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com