Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 34 of 38
FIR FILTERS
The ADIS16486 has four user configurable FIR filter banks. The
sample rate of the FIR filter banks is identical to the IMU
sample rate. Because decimation occurs after the FIR filters, the
FIR sample rate is independent of the decimation rate and not
affected by the setting of the DEC_RATE register. If the user
selects the internally generated sample clock (which is the
default setting), the nominal IMU sample rate (and FIR sample
rate) is 2460 SPS. If the user supplies an external clock by setting
Bit 7 to 1 of the FNCTIO_CRTL register (see Table 142 and
Table 143), the FIR sample rate is the same frequency as the
input synchronization clock provided to the ADIS16486.
The user can individually configure and select one of the four FIR
filter banks for each individual inertial sensor using the FILTR_
BNK_0 (see Table 155) and FILTR_BNK_1 (see Table 157)
registers (see Figure 24). Each FIR filter bank (A, B, C, D) has
120 taps that consume two pages of memory. The coefficient
associated with each tap in each filter bank has its own
dedicated register that uses a 16-bit, twos complement format.
The FIR filter has unity gain when the sum of all of the coefficients
is equal to 32,768. For filter designs that require fewer than 120
taps, write 0x0000 to all unused registers to eliminate the
latency associated with that particular tap.
FIR Filter Bank A, FIR_COEF_A000 to FIR_COEF_A119
Table 201 and Table 202 offer detailed register and bit definitions
for FIR_COEF_A071, one of the FIR coefficient registers in
Bank A (see Table 200).
Table 200. FIR Filter Bank A Memory Map
Page
Page ID
Address
Register
5
0x05
0x00
PAGE_ID
5
0x05
0x02 to 0x07
Not used
5
0x05
0x08
FIR_COEF_A000
5
0x05
0x0A
FIR_COEF_A001
5
0x05
0x0C to 0x7C
FIR_COEF_A002 to
FIR_COEF_A058
5
0x05
0x7E
FIR_COEF_A059
6
0x06
0x00
PAGE_ID
6
0x06
0x02 to 0x07
Not used
6
0x06
0x08
FIR_COEF_A060
6
0x06
0x0A
FIR_COEF_A061
6
0x06
0x0C to 0x7C
FIR_COEF_A062 to
FIR_COEF_A118
6
0x06
0x7E
FIR_COEF_A119
Table 201. FIR_COEF_A071 Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x06
0x1E, 0x1F
Not applicable
R/W
Yes
Table 202. FIR_COEF_A071 Bit Definition
Bits
Description (No Default)
[15:0]
FIR Bank A, Coefficient 71, twos complement
Use the following sequence to set the FIR_COEF_A071 register
to a decimal value of −169 (0xFF57):
1. Select Page 6 (DIN = 0x8006).
2. Set FIR_COEF_A071, Bits[7:0] = 0x57 (DIN = 0x9E57).
3. Set FIR_COEF_A071, Bits[15:8] = 0xFF (DIN = 0x9FFF).
FIR Filter Bank B, FIR_COEF_B000 to FIR_COEF_B119
Table 203. Filter Bank B Memory Map
Page
Page ID
Address
Register
7
0x07
0x00
PAGE_ID
7
0x07
0x02 to
0x07
Not used
7
0x07
0x08
FIR_COEF_B000
7
0x07
0x0A
FIR_COEF_B001
7
0x07
0x0C to
0x7C
FIR_COEF_B002 to
FIR_COEF_B058
7
0x07
0x7E
FIR_COEF_B059
8
0x08
0x00
PAGE_ID
8
0x08
0x02 to
0x07
Not used
8
0x08
0x08
FIR_COEF_B060
8
0x08
0x0A
FIR_COEF_B061
8
0x08
0x0C to
0x7C
FIR_COEF_B062 to
FIR_COEF_B118
8
0x08
0x7E
FIR_COEF_B119
FIR Filter Bank C, FIR_COEF_C000 to FIR_COEF_C119
Table 204. Filter Bank C Memory Map
Page
Page ID
Address
Register
9
0x09
0x00
PAGE_ID
9
0x09
0x02 to
0x07
Not used
9
0x09
0x08
FIR_COEF_C000
9
0x09
0x0A
FIR_COEF_C001
9
0x09
0x0C to
0x7C
FIR_COEF_C002 to
FIR_COEF_C058
9
0x09
0x7E
FIR_COEF_C059
10
0x0A
0x00
PAGE_ID
10
0x0A
0x02 to
0x07
Not used
10
0x0A
0x08
FIR_COEF_C060
10
0x0A
0x0A
FIR_COEF_C061
10
0x0A
0x0C to
0x7C
FIR_COEF_C062 to
FIR_COEF_C118
10
0x0A
0x7E
FIR_COEF_C119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com