Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 35 of 38
FIR Filter Bank D, FIR_COEF_D000 to FIR_COEF_D119
Table 205. Filter Bank D Memory Map
Page
Page ID
Address
Register
11
0x0B
0x00
PAGE_ID
11
0x0B
0x02 to
0x07
Not used
11
0x0B
0x08
FIR_COEF_D000
11
0x0B
0x0A
FIR_COEF_D001
11
0x0B
0x0C to
0x7C
FIR_COEF_D002 to
FIR_COEF_D058
11
0x0B
0x7E
FIR_COEF_D059
12
0x0C
0x00
PAGE_ID
12
0x0C
0x02 to
0x07
Not used
12
0x0C
0x08
FIR_COEF_D060
12
0x0C
0x0A
FIR_COEF_D061
12
0x0C
0x0C to
0x7C
FIR_COEF_D062 to
FIR_COEF_D118
12
0x0C
0x7E
FIR_COEF_D119
Default Filter Performance
The FIR filter banks have factory programmed filter designs. They
are all low-pass filters that have unity dc gain. Table 206 provides a
summary of each filter design, and Figure 30 shows the frequency
response characteristics. The phase delay is equal to ½ of the total
number of taps.
Table 206. FIR Filter Descriptions, Default Configuration
FIR Filter Bank
Taps
−3 dB Frequency (Hz)
A
120
310
B
120
55
C
32
275
D
32
63
NO FIR
FILTERING
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
200
400
600
800
1000
1200
FREQUENCY (Hz)
A
D
C
B
Figure 30. FIR Filter Frequency Response Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com