Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 31 of 38
Bits
Description (Default = 0x0000)
3
X-axis gyroscope. 0: alarm is off, and 1: alarm is on.
2
Not used.
1:0
X-axis gyroscope polarity and mode settings. Select
one of the four options for the condition that triggers
the alarm flag (ALM_STS, Bit 0 = 1, see Table 24).
00: X_GYRO_OUT < XG_ALM_MAGN.
01: ΔX_GYRO_OUT < XG_ALM_MAGN (see Equation 5).
10: X_GYRO_OUT > XG_ALM_MAGN.
11: ΔX_GYRO_OUT > XG_ALM_MAGN (see Equation 5).
Table 160. ALM_CNFG_1 Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x22, 0x23
0x0000
R/W
Yes
Table 161. ALM_CNFG_1 Bit Definitions
Bits
Description (Default = 0x0000)
[15:8]
Not used.
7
Z-axis accelerometer. 0: alarm is off, and 1: alarm is on.
6
Not used.
[5:4]
Z-axis accelerometer polarity and mode settings. Select
one of the four options for the condition that triggers
the alarm (ALM_STS, Bit 5 = 1, see Table 24).
00: Z_ACCL_OUT < ZA_ALM_MAGN.
01: ΔZ_ACCL_OUT < ZA_ALM_MAGN (see Equation 6).
10: Z_ACCL_OUT > ZA_ALM_MAGN.
11: ΔZ_ACCL_OUT > ZA_ALM_MAGN (see Equation 6).
4
Z-axis accelerometer mode. 0: static, and 1: dynamic.
3
Y-axis accelerometer. 0: alarm is off, and 1: alarm is on.
2
Not used.
[1:0]
Y-axis accelerometer polarity and mode settings. Select
one of the four options for the condition that triggers
the alarm (ALM_STS, Bit 4 = 1, see Table 24).
00: Y_ACCL_OUT < YA_ALM_MAGN.
01: ΔY_ACCL_OUT < YA_ALM_MAGN (see Equation 7).
10: Y_ACCL_OUT > YA_ALM_MAGN.
11: ΔY_ACCL_OUT > YA_ALM_MAGN (see Equation 7).
X-Axis Gyroscope Alarm, XG_ALM_MAGN
The XG_ALM_MAGN register (see Table 162 and Table 163)
contains the alarm threshold for the x-axis gyroscope when
ALM_CNFG_0, Bit 3 = 1 (see Table 159). This alarm is associated
with the alarm flag in ALM_STS, Bit 0 (see Table 24).
Table 162. XG_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x28, 0x29
0x0000
R/W
Yes
Table 163. XG_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope alarm threshold settings, twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Alarm Example
Use the following sequence to configure the x-axis gyroscopes
alarm to be active (ALM_STS, Bit 0 = 1) when the rate of
rotation around the x-axis exceeds 100°/sec:
1. Select Page 3 (DIN = 0x8003).
2. Set XG_ALM_MAGN, Bits[7:0] = 0x88 (DIN = 0xA888).
3. Set XG_ALM_MAGN, Bits[15:8] = 0x13 (DIN = 0xA913).
4. Set ALM_CNFG_1, Bits[7:0] = 0x0C (DIN = 0xA00C).
5. Set ALM_CNFG_1, Bits[15:8] = 0x00 (DIN = 0xA100).
The value for the XG_ALM_MAGN register is 0x1388, as
shown in the equation
100°/sec ÷ 0.02°/sec/LSB = 5000 LSB = 0x1388
Y-Axis Gyroscope Alarm, YG_ALM_MAGN
The YG_ALM_MAGN register (see Table 164 and Table 165)
contains the alarm threshold for the y-axis gyroscope when
ALM_CNFG_0, Bit 7 = 1 (see Table 159). This alarm is associated
with the alarm flag in ALM_STS, Bit 1 (see Table 24).
Table 164. YG_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x2A, 0x2B
0x0000
R/W
Yes
Table 165. YG_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope alarm threshold settings, twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Z-Axis Gyroscope Alarm, ZG_ALM_MAGN
The ZG_ALM_MAGN register (see Table 166 and Table 167)
contains the alarm threshold for the z-axis gyroscope when
ALM_CNFG_0, Bit 11 = 1 (see Table 159). This alarm is associated
with the alarm flag in ALM_STS, Bit 2 (see Table 24).
Table 166. ZG_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x2C, 0x2D
0x0000
R/W
Yes
Table 167. ZG_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope alarm threshold settings, twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
X-Axis Accelerometer Alarm, XA_ALM_MAGN
The XA_ALM_MAGN register (see Table 168 and Table 169)
contains the alarm threshold for the x-axis accelerometer when
ALM_CNFG_0, Bit 15 = 1 (see Table 159). This alarm is associated
with the alarm flag in ALM_STS, Bit 3 (see Table 24).
Table 168. XA_ALM_MAGN Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x2E, 0x2F
0x0000
R/W
Yes
Table 169. XA_ALM_MAGN Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer alarm threshold settings, twos
complement, 0 g = 0x0000, 1 LSB = 0.8 mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com