Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU1/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16IMU1/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU1/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16IMU1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16IMU1/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 28 of 38
Table 145. GPIO_CTRL Bit Definitions1
Bits
Description (Default = 0x00X0)
[15:8]
Don’t care
7
General-Purpose Input and Output Line 4 (DIO4) data level
6
General-Purpose Input and Output Line 3 (DIO3) data level
5
General-Purpose Input and Output Line 2 (DIO2) data level
4
General-Purpose Input and Output Line 1 (DIO1) data level
3
DIO4 direction control (1 = output, 0 = input)
2
DIO3 direction control (1 = output, 0 = input)
1
DIO2 direction control (1 = output, 0 = input)
0
DIO1 direction control (1 = output, 0 = input)
1
GPIO_CTRL, Bits[7:4] reflect the logic levels on the DIOx pins and do not have
a default setting.
When the FNCTIO_CTRL register does not configure a DIOx pin,
the GPIO_CTRL register provides register controls for general-
purpose use of the pin. GPIO_CTRL, Bits[3:0] provide input and
output assignment controls for each line. When the DIOx pins
are inputs, monitor their level by reading GPIO_CTRL, Bits[7:4].
When the DIOx pins are used as outputs, set their level by writing
to GPIO_CTRL, Bits[7:4]. For example, use the following
sequence to set the DIO1 and DIO3 pins as high and low
output lines, respectively, and set the DIO2 and DIO4 pins as
input lines:
1. Select Page 3 (DIN = 0x8003).
2. Set GPIO_CTRL, Bits[7:0] = 0x15 (DIN = 0x8815, then
DIN = 0x8900).
Miscellaneous Configuration, CONFIG
The CONFIG register (see Table 146 and Table 147) provides
configuration options for the linear g compensation in the
gyroscopes (on and off), point of percussion alignment for the
accelerometers (on and off), and the RTC function.
Table 146. CONFIG Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x0A, 0x0B
0x00C0
R/W
Yes
Table 147. CONFIG Bit Definitions
Bits
Description (Default = 0x00C0)
[15:8]
Not used
7
Linear g compensation for gyroscopes (1 = enabled)
6
Point of percussion alignment (1 = enabled)
[5:2]
Not used
1
RTC, daylight savings time (1: enabled, 0: disabled)
0
RTC control (1: relative and elapsed timer mode,
0: calendar mode)
Point of Percussion
CONFIG, Bit 6 offers a point of percussion alignment function
that maps the accelerometer sensors to the corner of the package
identified in Figure 29. To activate this feature, select Page 3
(DIN = 0x8003) and set CONFIG, Bit 6 = 1 (DIN = 0x8A40,
DIN = 0x8B00).
PIN 1
PIN 23
POINT OF PERCUSSION
ALIGNMENT REFERENCE POINT.
SEE CONFIG, BIT 6.
Figure 29. Point of Percussion Reference Point
Linear Acceleration Effect on Gyroscope Bias
The ADIS16486 includes first-order compensation for the
linear g effect in the gyroscopes, which uses the following
model:
+
×
=
ω
ω
ω
A
A
A
LG
LG
LG
LG
LG
LG
LG
LG
LG
ω
ω
ω
ZPC
YPC
XPC
Z
Y
X
33
32
31
23
22
21
13
12
11
ZC
YC
XC
The linear g correction factors, LGXY, apply correction for linear
acceleration in all three directions to the data path of each
gyroscope (ωXPC, ωYPC, and ωZPC) at the rate of the data samples
(2460 SPS when using the internal clock). CONFIG, Bit 7
provides an on and off control for this compensation. The
factory default value for this bit activates this compensation. To
turn the compensation off, select Page 3 (DIN = 0x8003) and
set CONFIG, Bit 7 = 0 (DIN = 0x8A40, then DIN = 0x8B00).
This command sequence also preserves the default setting for
the point of percussion alignment function (on).
Decimation Filter, DEC_RATE
The DEC_RATE register (see Table 148 and Table 149) provides
user control for the final filter stage (see Figure 24), which
averages and decimates the accelerometer and gyroscope data,
while also extending the time that the delta angle and delta
velocity track between each update. The output sample rate is
equal to 2460/(DEC_RATE + 1). When using the external clock
option (FNCTIO_CTRL, Bits[7:4], see Figure 24), replace 2460 in
this relationship with the input clock frequency. For example,
select Page 3 (DIN = 0x8003), and set DEC_RATE = 0x18 (DIN
= 0x8C18, then DIN = 0x8D00) to reduce the output sample rate
to 98.4 SPS (2460 ÷ 25).
Table 148. DEC_RATE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x03
0x0C, 0x0D
0x0000
R/W
Yes
Table 149. DEC_RATE Bit Definitions
Bits
Description (Default = 0x0000)
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 2047, see
Figure 24 for the impact on sample rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com