Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5580BCCZ-R7 Datasheet HTML 1Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 2Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 3Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 4Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 3 of 22
SPECIFICATIONS
Positive supply voltage (VS) = +5.0 V, negative VS = −1.8 V, input VCM = 1.7 V, output VCM = 0.5 V, source impedance (RS) = 100 Ω
differential, load impedance (RL) = 50 Ω differential, output voltage (VOUT) = 1.4 V p-p composite, peak capacitance (CPEAK) = 3, TA =
25°C, and signal spacing = 2 MHz for two-tone measurements, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth1
VOUT ≤ 1.4 V p-p
10.0
GHz
Bandwidth, 1.0 dB Flatness
VOUT ≤ 1.4 V p-p
6
GHz
Voltage Gain (AV)
Differential Input
RL = 50 Ω||1 pF differential
10
dB
Single-Ended Input
RL = 50 Ω||1 pF differential
10
dB
Gain Supply Sensitivity
Positive VS ± 5% and negative VS ± 5%
128
mdB/V
Gain Temperature Sensitivity
TA = −40°C to +85°C
10.7
mdB/°C
Slew Rate
Rising, VOUT = 1.4 V p-p step
24
V/ns
Falling, VOUT = 1.4 V p-p step
24
V/ns
Settling Time
1.4 V step to 1%
2.4
ns
Overdrive Settling Time
Differential output voltage 2.8 V p-p
640
ps
EN Response Time
From shutdown mode
20
ns
To shutdown mode
6
ns
Reverse Isolation (SDD12)
Frequency = 1000 MHz
−70
dB
Input to Output Isolation when Disabled
Frequency = 1000 MHz, EN pin set to low
−87
dBc
INPUT AND OUTPUT CHARACTERISTICS
Input VCM
VCMI
1.7
V
Input Resistance
Differential
100
Ω
Single-Ended
100
Ω
Common-Mode Rejection Ratio (CMRR)
Frequency = 1000 MHz
32.9
dB
Output VCM
VCMO
0.5
V
Output Resistance (Differential)
50
Ω
VCMI and VCMO Input Impedance
10
kΩ
Input Common-Mode
Offset
97.7
mV
Drift
TA = 25°C to 85°C
0.188
mV/°C
Input Differential Offset
Voltage
0.4
mV
Drift
TA = −40°C to +25°C
3.076
µV/°C
Output Common-Mode
Offset
6.6
mV
Drift
TA = −40°C to +25°C
0.119
mV/°C
Output Differential Offset
Voltage
0.4
mV
Drift
TA = 25°C to 85°C
6.666
µV/°C
Maximum Output Voltage Swing
Frequency = 1000 MHz, 1 dB compression point
5
V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com