Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 9 of 22
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VINP
GND
NOTES
1. PAD 1 AND PAD 4 ARE THE POSITIVE VOLTAGE SUPPLY, 5.0V.
2. PAD 2 AND PAD 3 ARE THE NEGATIVE VOLTAGE SUPPLY, –1.8V.
GND
VINN
GND
GND
VOUTP
GND
VOUTN
GND
1
PAD 1
PAVCC
PAD 4
PAVCC
PAD 2
MAVEE
PAD 3
MAVEE
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TOP VIEW
ADL5580
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No
Mnemonic Description
1, 3, 5, 6, 10, 11, 13, 15, 16, 20
GND
Ground. Connect the GND pins to ground.
2
VINP
Positive RF Input (RFIN) Signal. VINP is the positive side of the amplifier balanced differential
inputs.
4
VINN
Negative RFIN Signal. VINN is the negative side of the amplifier balanced differential inputs.
7
CS
Serial Peripheral Interface (SPI) Chip Select. CS is a digital input.
8
SCLK
SPI Serial Clock. SCLK is a digital input.
9
SDIO
SPI Serial Data Input and Output. SDIO is a digital input and output.
12
VOUTN
Negative RF Output (RFOUT) Signal. VOUTN is the negative side of the amplifier balanced
differential outputs.
14
VOUTP
Positive RFOUT Signal. VOUTP is the positive side of the amplifier balanced differential outputs.
17
VCMO
VCM for the RF Output Signal.
18
VCMI
VCM for the RF Input Signal.
19
EN
Digital Input Power Enable.
PAD1, PAD4
PAVCC
Positive Voltage Supply, 5.0 V.
PAD2, PAD3
MAVEE
Negative Voltage Supply, −1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com