Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5580BCCZ-R7 Datasheet HTML 1Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 2Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 3Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 4Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 5 of 22
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Signal Frequency, 3000 MHz
HD2
−60.6
dBc
HD3
−47.1
dBc
OIP3
32.8
dBm
IMD3
−63.2
dBc
OIP2
69.8
dBm
IMD2
−68.6
dBc
OP1dB
17.5
dBm
Noise Figure
10.9
dB
NSD, RTI2
2.13
nV/√Hz
Input Signal Frequency, 4000 MHz
HD2
−58
dBc
HD3
−54.8
dBc
OIP3
30.7
dBm
IMD3
−53.9
dBc
OIP2
58.6
dBm
IMD2
−57.3
dBc
OP1dB
18.0
dBm
Noise Figure
10.3
dB
NSD, RTI2
1.96
nV/√Hz
Input Signal Frequency, 5000 MHz
HD2
−60
dBc
HD3
−72.1
dBc
OIP3
28.1
dBm
IMD3
−53.9
dBc
OIP2
60.9
dBm
IMD2
−59.7
dBc
OP1dB
17.5
dBm
Noise Figure
10.0
dB
NSD, RTI2
1.90
nV/√Hz
Input Signal Frequency, 6000 MHz
HD2
−66
dBc
HD3
−88.1
dBc
OIP3
25.4
dBm
IMD3
−48.3
dBc
OIP2
67.3
dBm
IMD2
−66.1
dBc
OP1dB
17.0
dBm
NF
9.5
dB
NSD, RTI2
1.78
nV/√Hz
DIGITAL LOGIC
Input Voltage
SCLK, SDIO, CS, and EN
High (VIH)
1.07
V
Low (VIL)
0.68
V
Input Current
High (IIH)
−100
μA
Low (IIL)
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com