Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 12 of 22
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–180
–170
30
10
–10
–30
–50
–70
–90
–110
0
2000 3000 4000 5000 6000 7000 8000 9000
1000
10000
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 18. IMD2 Lower and IMD2 Higher vs. Frequency over Temperature,
Supply = Nominal, CPEAK = 7
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
2000 3000 4000 5000 6000 7000 8000 9000
1000
10000
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. IMD3 vs. Frequency over Temperature,
Supply = Nominal and CPEAK = 7
50
45
40
35
30
25
20
15
5
10
0
0
2000 3000 4000 5000
1000
10000
6000 7000 8000 9000
FREQUENCY (MHz)
RF SINGLE-ENDED INPUT = VINN, TA = +85°C
RF SINGLE-ENDED INPUT = VINP, TA = +85°C
RF SINGLE-ENDED INPUT = VINN, TA = +25°C
RF SINGLE-ENDED INPUT = VINP, TA = +25°C
RF SINGLE-ENDED INPUT = VINN, TA = –40°C
RF SINGLE-ENDED INPUT = VINP, TA = –40°C
Figure 20. Single-Ended OIP3 vs. Frequency over Temperature
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–10
–20
–50
–40
–30
–60
–70
–80
–90
–100
0
2000
3000
4000
5000
1000
6000
FREQUENCY (MHz)
RF SINGLE-ENDED INPUT = VINN, TA = +85°C
RF SINGLE-ENDED INPUT = VINP, TA = +85°C
RF SINGLE-ENDED INPUT = VINN, TA = +25°C
RF SINGLE-ENDED INPUT = VINP, TA = +25°C
RF SINGLE-ENDED INPUT = VINN, TA = –40°C
RF SINGLE-ENDED INPUT = VINP, TA = –40°C
Figure 21. HD2 Lower and HD3 Lower vs. Frequency over Temperature,
CPEAK = 7
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–10
–20
–50
–40
–30
–60
–70
–80
–90
–100
0
2000
3000
4000
5000
1000
6000
FREQUENCY (MHz)
PAVCC = 5.25V, MAVEE = –1.89V, TA = +25°C
PAVCC = 5V, MAVEE = –1.8V, TA = +25°C
PAVCC = 4.75V, MAVEE = –1.71V, TA = +25°C
Figure 22. HD2 and HD3 vs. Frequency, Temperature = Nominal,
Supply = Nominal, and CPEAK = 7
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–10
–20
–50
–40
–30
–60
–70
–80
–90
–100
0
2000
3000
4000
5000
1000
6000
FREQUENCY (MHz)
PAVCC = 5V, MAVEE = –1.8V, TA = –40°C
PAVCC = 5V, MAVEE = –1.8V, TA = +25°C
PAVCC = 5V, MAVEE = –1.8V, TA = +85°C
Figure 23. Single-Ended HD2 and HD3 vs. Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com