Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 17 of 22
INPUT AND OUTPUT INTERFACING
Differential Input to Differential Output
The ADL5580 can be configured as a differential input to
differential output driver (see Figure 33). The 50 Ω resistors,
R1 and R2, combined with the 100 Ω input impedance provide
a 50 Ω input match with the 1:1 balun. The input and output
0.1 µF capacitors isolate the common-mode bias voltage (VBIAS)
on input and output pins from the source and balanced load.
The load is 50 Ω to provide the expected ac performance.
+ 5V
0.1µF
0.1µF
1:1BALUN
AC
50Ω
R1
50Ω
R2
50Ω
ADL5580
½ RL
½ RL
0.1µF
0.1µF
+
–
–1.8V
Figure 33. Differential Input to Differential Output Configuration
The differential gain of the ADL5580 is dependent on the source
impedance and load, as shown in Figure 34.
–
AC
ADL5580
RL
+
0.1µF
0.1µF
½ RS
½ RS
0.1µF
0.1µF
Figure 34. Differential Input Loading Circuit
Single-Ended Input to Differential Output
The ADL5580 can also be configured in a single-ended input to
differential output configuration. In this configuration, the gain
of the device is reduced due to the application of the signal to
only one side of the amplifier. The input and output 0.1 µF
capacitors isolate the VCM on input and output pins from the
source and balanced load.
0.1µF
0.1µF
AC
50Ω
R1
R2
ADL5580
½ RL
½ RL
0.1µF
0.1µF
+
–
Figure 35. Single-Ended Input to Differential Output Configuration
The ADL5580 is a high output linearity, fixed gain dc-coupled
amplifier for multigigasample ADC interfacing. The open-loop
architecture anticipates a 50 Ω differential dc output load. The
maximum linear output swing is optimized for 1.4 V p-p
differential.
LAYOUT
Solder the four exposed power supply pads on the underside of
the ADL5580 to a low thermal and electrical impedance power
plane. These pads are typically soldered to exposed opens in the
solder mask on the evaluation board. Notice the use of 4 via holes
on each exposed power pad of the ADL5580-EVALZ. Connect
these power vias to power layers on the evaluation board to
maximize heat dissipation from the device package. For more
information on the evaluation board, see the ADL5580-EVALZ
product page.
Ensure that the decoupling capacitors are located close to the
supply voltage pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com