Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 21Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 19 of 22
REGISTER DETAILS
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG
Table 10. Bit Descriptions for ADI_SPI_CONFIG
Bit(s)
Bit Name
Description
Reset
Access
7
SOFTRESET_
Soft Reset
0x00
R/W
0: reset asserted
1: reset not asserted
6
LSB_FIRST_
LSB First
0x00
R/W
0: LSB first
1: MSB first
5
ENDIAN_
Endian
0x00
R/W
0: little endian
1: big endian
4
SDOACTIVE_
SDO Active
0x00
R/W
0: SDO inactive
1: SDO active
3
SDOACTIVE
SDO Active
0x00
R/W
0: SDO inactive
1: SDO active
2
ENDIAN
Endian
0x00
R/W
0: little endian
1: big endian
1
LSB_FIRST
LSB First
0x00
R/W
0: LSB first
1: MSB first
0
SOFTRESET
Soft Reset
0x00
R/W
0: reset asserted
1: reset not asserted
Address: 0x001, Reset: 0x00, Name: REG_0X0001
Table 11. Bit Descriptions for REG_0X0001
Bit(s)
Bit Name
Description
Reset
Access
7
SINGLE_INTSTRUCTION
Single Instruction
0x00
R/W
6
CSB_STALL
Chip Select (CS) Stall
0x00
R/W
5
MASTER_SLAVE_RB
Master Slave Read Back (RB)
0x00
R/W
[4:3]
RESERVED
Reserved
0x00
R
[2:1]
SOFT_RESET
Soft Reset
0x00
R/W
0
MASTER_SLAVE_TRANSFER
Master Slave Transfer
0x00
R/W
Address: 0x003, Reset: 0x01, Name: CHIPTYPE
Table 12. Bit Descriptions for CHIPTYPE
Bit(s)
Bit Name
Description
Reset
Access
[7:0]
CHIPTYPE
Chip Type, Read Only
0x01
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com